Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 100Page - STMicroelectronics STPM32 Datasheet HTML 101Page - STMicroelectronics STPM32 Datasheet HTML 102Page - STMicroelectronics STPM32 Datasheet HTML 103Page - STMicroelectronics STPM32 Datasheet HTML 104Page - STMicroelectronics STPM32 Datasheet HTML 105Page - STMicroelectronics STPM32 Datasheet HTML 106Page - STMicroelectronics STPM32 Datasheet HTML 107Page - STMicroelectronics STPM32 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 121 page
background image
Register map
STPM32, STPM33, STPM34
104/121
DS10272 Rev 8
Table 52. Row 8, DSP control register 9 (DSP_CR9)
Bit
Internal signal
Description
Default
[11:0]
AH_UP1
Primary channel RMS upper threshold (for AH)
0xFFF
[21:12]
OFA1
Offset for primary channel active power
0x0
[31:22]
OFAF1
Offset for primary channel fundamental active power
0x0
Table 53. Row 9, DSP control register 10 (DSP_CR10)
Bit
Internal signal
Description
Default
[11:0]
AH_DOWN1
Primary channel RMS lower threshold (for AH)
0xFFF
[21:12
OFR1
Offset for primary channel reactive power
0x0
[31:22]
OFS1
Offset for primary channel apparent power
0x0
Table 54. Row 10, DSP control register 11 (DSP_CR11)
Bit
Internal signal
Description
Default
[11:0]
AH_UP2
Secondary channel RMS upper threshold (for AH)
0xFFF
[21:12]
OFA2
Offset for secondary channel active power
0x0
[31:22]
OFAF2
Offset for secondary channel fundamental active power
0x0
Table 55. Row 11, DSP control register 12 (DSP_CR12)
Bit
Internal signal
Description
Default
[11:0]
AH_DOWN2
Secondary channel RMS lower threshold (for AH)
0xFFF
[21:12]
OFR2
Offset for secondary channel reactive power
0x0
[31:22]
OFS2
Offset for secondary channel apparent power
0x0
Table 56. Row 12, digital front end control register 1 (DFE_CR1)
Bit
Internal signal
Description
Default
0
enV1
Enable for primary voltage channel
0x1
[15:1]
-
Reserved
0x193
[16]
enC1
Enable for primary current channel
0x1
[17:25]
-
Reserved
0x193
[27:26]
GAIN1
Gain selection of primary current channel:
GAIN1[1:0]: 00, 01, 10, 11
GAIN: x2, x4, x8, x16
0x3
[31:28]
-
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com