Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 106Page - STMicroelectronics STPM32 Datasheet HTML 107Page - STMicroelectronics STPM32 Datasheet HTML 108Page - STMicroelectronics STPM32 Datasheet HTML 109Page - STMicroelectronics STPM32 Datasheet HTML 110Page - STMicroelectronics STPM32 Datasheet HTML 111Page - STMicroelectronics STPM32 Datasheet HTML 112Page - STMicroelectronics STPM32 Datasheet HTML 113Page - STMicroelectronics STPM32 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 121 page
background image
Register map
STPM32, STPM33, STPM34
110/121
DS10272 Rev 8
Table 64. Row 20, UART/SPI control register 3 (US_REG3)
Bit
Internal signal
Description
Default
0
Reserved
0
1
UART CRC error
Activate IRQ on both INT1, INT2 for selected signals
0
2
UART timeout error Activate IRQ on both INT1, INT2 for selected signals
0
3
UART framing error Activate IRQ on both INT1, INT2 for selected signals
0
4
UART noise error
Activate IRQ on both INT1, INT2 for selected signals
0
5
UART RX overrun
Activate IRQ on both INT1, INT2 for selected signals
0
6
UART TX overrun
Activate IRQ on both INT1, INT2 for selected signals
0
7
-
Reserved
0
8
SPI RX full
Activate IRQ on both INT1, INT2 for selected signals
0
9
SPI TX empty
Activate IRQ on both INT1, INT2 for selected signals
0
10
UART/SPI read
error
Activate IRQ on both INT1, INT2 for selected signals
0
11
UART/SPI write
error
Activate IRQ on both INT1, INT2 for selected signals
0
12
SPI CRC error
Activate IRQ on both INT1, INT2 for selected signals
0
13
SPI TX underrun
Activate IRQ on both INT1, INT2 for selected signals
0
14
SPI RX overrun
Activate IRQ on both INT1, INT2 for selected signals
0
15
-
Reserved
0
16
UART break
Break frame (all zeros) received
0
17
UART CRC error
CRC error detected
0
18
UART timeout error Timeout counter expired
0
19 UART framing error Missing stop bit detected
0
20
UART noise error
Noisy bit detected
0
21
UART RX overrun
Active when received data have not been correctly
processed
0
22 UART TX overrun
Occurs when master and slave have different baud rates
and master transmits before reception has ended
0
23
-
Reserved
0
24
SPI RX full
Reception buffer full (for SPI diagnostic, not recommended
for normal IRQ operations)
0
25
SPI TX empty
Transmission buffer empty (for SPI diagnostic, not
recommended for normal IRQ operations)
0
26
UART/SPI read
address error
Read address out of range
0
27
UART/SPI write
address error
Write address out of range
0
28
SPI CRC error
CRC error detected
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com