Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
On-time of the pulses in PFM mode is configurable using the OTP_SW1_PFM_TON[1:0]
bits. OTP_SW1_PFM_TON[1:0] = 0b10 offers a good compromise between quiescent
current and the output ripple for most applications.
OTP_SW1_PFM_TON[1:0]
SW1 PFM on-time (ns)
00
160
01
320
10
640
11
800
Table 13. OTP_SW1_PFM_TON[1:0] selection
11.3.4 Soft-start
The startup of SW1 is internally controlled to eliminate overshoot and control the inrush
current. The soft-start time is programmable via OTP using the OTP_SW1_SS[1:0] bits.
See Table 8 for values.
11.3.5 Current limit protection
Cycle-by-cycle current limit is utilized to limit the total permissible output current. Output
voltage returns to regulation when the overcurrent is removed. The current limit value is
programmable to four different values via OTP using the OTP_SW1_ILIM_SEL[1:0] bits.
See Table 8 for values.
11.3.6 Compensation selection
OTP_SW1_SLOPECOMP[1:0], OTP_SW1_PWM_R_COMP[2:0], and
OTP_SW1_GM_COMP[1:0] select the loop parameters for SW1. See Table 14 for
recommended values for different operating conditions. Use interpolation for values
between the ones shown in Table 14.
Switching
frequency
Output voltage
Output
capacitance
OTP_SW1_
SLOPECOMP[1:0]
OTP_SW1_PWM_
R_COMP[2:0]
OTP_SW1_GM_
COMP[1:0]
450 kHz
3.3 V
2 x 22 μF
10
000
10
450 kHz
3.3 V
5 x 22 μF
10
000
10
2.2 MHz
3.3 V
2 x 22 μF
10
000
10
2.2 MHz
3.3 V
5 x 22 μF
10
010
10
450 kHz
4.0 V
2 x 22 μF
10
000
10
450 kHz
4.0 V
5 x 22 μF
10
000
10
2.2 MHz
4.0 V
2 x 22 μF
10
000
10
2.2 MHz
4.0 V
5 x 22 μF
10
010
10
450 kHz
5.0 V
2 x 22 μF
10
000
10
450 kHz
5.0 V
5 x 22 μF
10
000
10
2.2 MHz
5.0 V
2 x 22 μF
10
010
10
2.2 MHz
5.0 V
5 x 22 μF
10
010
10
Table 14. SW1 compensation selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
16 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com