Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.13.9 Low-power operation
There are several ways to reduce the quiescent current consumption of the FS5600.
These are:
• Turning off SW1 and SW2 (via I2C, or using EN1/2 pins)
• Changing SW1 and SW2 operation mode from PWM to Auto Skip or PFM mode.
The operation mode of SW1 and SW2 may be changed using I2C or by using the MODE
pin.
17.13.9.1 Ultra low-power operation
When (MODE pin =1) AND (OTP_MODE_SYNCINB_SEL[1:0] = 00) AND
(OTP_ULPM_EN = 1), the FS5600 achieves further reduction in quiescent current by
turning off the internal 20 MHz clock. In this condition, I2C access is not available, the
watchdog timer function is not available and external voltage monitors (VMON1-4)
are disabled. PGOOD pins assigned to the external voltage monitors (VMON1-4) are
asserted low. If the respective regulator is enabled, voltage monitors for SW1 and SW2
regulators remain enabled. The OTP_ULPM_EN bit is set to 1 in the QM version of
FS5600. The user may choose its value in ASIL B and Enhanced ASIL B versions.
17.13.10 State transition table
Transition
Description
Transition conditions
A
Power up to INIT_RUN
Completion of SW1 soft-start (if EN1 = high)
&&
Completion of SW2 soft-start (if EN2 = high)
&&
Expiration of largest delay among OTP_GPOx_DELAY[2:0] (if GPIOx pin
used as GPO AND OTP_GPOx_DELAY[2:0] NOT EQUAL to 0b000)
Note: If one regulator is disabled, its soft-start completion signal is ignored
as a condition for this state transition.
Table 53. State transition table
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
57 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com