Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Pin
number
Pin name
Description
Absolute
maximum
voltage rating
Connection if not
used
1
VDDIO
I2C I/O driver supply. Connect to 1.8 V or 3.3 V on
the board. Bypass with 0.1 µF capacitor.
–0.3 V to 5.5 V
Connect to VCC
2
SCL
I2C clock line. Pullup to VDDIO on board.
–0.3 V to 5.5 V
Connect to ground
3
SDA
I2C data line. Pullup to VDDIO on board.
–0.3 V to 5.5 V
Connect to ground
4
GPIO1/VDDOTP
General-purpose input/output pin. Used as
VDDOTP during development.
–0.3 V to 10 V
Connect to ground
5
SW2COMP
SW2 compensation pin. Connect to external
compensation network.
–0.3 V to 5.5 V
Connect to ground
6
SW2FB
SW2 output voltage feedback. Use external or
internal resistor divider for SW2 outputs ≤ 5.5 V.
Use external resistor divider for SW2 outputs > 5.5
V.
–0.3 V to 7.5 V
Connect to ground
7
SW2CSN
SW2 current sense feedback (-ve). Route
differentially with SW2CSP to sense circuitry.
–0.3 V to 7.5 V
Connect to ground
8
SW2CSP
SW2 current sense feedback (+ve). Route
differentially with SW2CSN to sense circuitry.
–0.3 V to 7.5 V
Connect to ground
9
SW2GLS
SW2 low side MOSFET gate output. Connect to
gate of external low side MOSFET.
–0.3 V to 5.5 V
Leave floating
10
SW2LX
SW2 switching node. High side gate drive return
path. Route parallel to SW2GHS trace on the
board.
–0.3 V to 40 V
Leave floating
11
SW2GHS
SW2 high side MOSFET gate output. Connect to
gate of external high side MOSFET.
–0.3 V to (SW2
BOOT + 0.3 V)
Leave floating
12
SW2BOOT
SW2 bootstrap pin. Connect bootstrap capacitor
between SW2BOOT and SW2LX.
–0.3 V to VSW2LX
+ 6 V
Leave floating
13
VMON4/GPIO3
(GPO3 for QM
version)
General-purpose input/output pin. Also selectable
as voltage monitoring input via OTP. Only general-
purpose output (GPO3) available in QM version.
–0.3 V to 5.5 V
Connect to ground
14
VMON3/GPIO2
(GPO2 for QM
version)
General-purpose input/output pin. Also selectable
as voltage monitoring input via OTP. Only general-
purpose output (GPO2) available in QM version.
–0.3 V to 5.5 V
Connect to ground
15
VMON2
(NA for QM
version)
Voltage Monitor 2 input. Not available in QM
version. Connect to ground for QM version.
–0.3 V to 5.5 V
Connect to ground
16
VMON1
(NA for QM
version)
Voltage Monitor 1 input. Not available in QM
version. Connect to ground for QM version.
–0.3 V to 10 V
Connect to ground
17
SW1BOOT
SW1 bootstrap pin. Connect bootstrap capacitor
between SW1BOOT and SW1LX.
–0.3 V to VSW1LX
+ 6 V
Leave floating
18, 19
SW1IN
SW1 input voltage. Bypass with at least 10 µF
capacitor for both pins together.
–0.3 V to 40 V
Connect to VIN
20, 21
SW1LX
SW1 switching node. Connect to inductor.
–0.3 V to 40 V
Leave floating
22
EN2
SW2 enable input pin.
–0.3 V to 40 V
Connect to ground
Table 3. Pin description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
6 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com