Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
The FS5600 offers comprehensive monitoring and self-test capabilities to achieve
high diagnostic coverage at the system level. The functional safety features of FS5600
include:
• Four high precision voltage monitors (in addition to monitoring of SW1 and SW2
internally)
• Challenger windowed watchdog timer
• FCCU monitoring
• 2x ERRMON monitoring for external signal monitoring
• Fail-Safe Output (FS0B) with programmable fault reaction
• PGOOD1 and PGOOD2 outputs with programmable fault reaction
• Stuck-at-fault detection on PGOOD1, PGOOD2, and FS0B outputs
• State machine with programmable fault reactions
• Redundant band gap with band gap comparator for self-test
• Internal oscillator self-test
• Built-in self-test (ABIST and LBIST) of analog and digital monitoring functions for latent
failure diagnostics
• On-Demand ABIST
• CRC on OTP bits in the device
• I2C with CRC
• NOT register functionality to prevent accidental writes to critical registers
• Monitoring of internal voltages such as VCC and VDIG for over and under voltage
faults
17.1 GPIO1/2/3 feature selection
The GPIO1/2/3 are multipurpose pins. Specific feature selection on these pins should
be selected via OTP using the OTP_GPIO1_CFG[1:0], OTP_GPIO2_CFG[1:0] and
OTP_GPIO3_CFG[1:0] bits as shown below in Table 34, Table 35, and Table 36.
OTP_GPIO1_CFG[1:0]
GPIO1 configuration
00
Output is high Z
01
GPO (output)
10
ERRMON1 (input)
11
Reserved (do not use)
Table 34. GPIO1 function selection
OTP_GPIO2_CFG[1:0]
GPIO2 configuration
00
GPO (output)
01
FCCU1 (input)
10
SYNCOUT (output)
11
VMON3
Table 35. GPIO2 function selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
36 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com