Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 1 Page - NXP Semiconductors

  MFS5600AMBA0ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
FS5600
Automotive buck regulator and controller with voltage
monitors and watchdog timer
Rev. 3 — 2 August 2022
Product data sheet
1 General Description
The FS5600 integrates a battery connected DC-DC controller with external FETs
and a battery connected DC-DC converter with internal FETs. It also offers functional
safety features such as independent voltage monitors, windowed watchdog timer, I/O
monitoring via ERRMON and FCCU, and built-in self-test.
2 Features and Benefits
• 2 x High-Voltage Buck Converters:
– Buck Controller - External FETs - 900 mA gate drive - up to 15 A load capability
– Buck Regulator - Internal FETs - 3 A+ load capability
– ±2 % Output Accuracy
– 250 kHz to 3 MHz switching frequency
• High-efficiency PFM mode
• Safety Features:
– Available in Enhanced ASIL B, ASIL B, and QM variations
– 2 internal and up to 4 high-accuracy external voltage monitors
– Windowed Watchdog Timer
– ERRMON and FCCU monitoring
– 2 x PGOOD and 1 x FS0B outputs
– ABIST and LBIST for latest failure check
• GPIOs for seamless operation with PF PMICs
• Rated from –40 °C to 150 °C TJ
• 32-Ld 5 mm x 5 mm QFN
• AEC-Q100 Grade-1 Qualified


Similar Part No. - MFS5600AMBA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFS5600AMBA0ES NXP-MFS5600AMBA0ES Datasheet
2Mb / 118P
Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 4 - 29 April 2024
MFS5600AMBA0ES NXP-MFS5600AMBA0ES Datasheet
1Mb / 8P
Automotive Dual Buck Regulator and Controller with Voltage Monitors and Watchdog Timer
Jun 2021
More results

Similar Description - MFS5600AMBA0ES

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
Regulator with Voltage Detector and Watchdog Timer
logo
Linear Technology
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
ON Semiconductor
NCV8881 ONSEMI-NCV8881 Datasheet
327Kb / 33P
Automotive Buck Regulator with Watchdog
January, 2011 ??Rev. 1
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com