Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
For a watchdog refresh to be considered valid (good), the refresh must occur with the
right answer during the right time (OPEN window). This is represented on the figure
below.
aaa-037158
Bad data
Good data
None
WD_failure
WD_failure
No issue
WD_failure
Closed
Opened
WD_Window
Closed window
Opened window
WD window period
with DC configurable
WD_OK
WD_failure
Watchdog
Answer
(from MCU)
Figure 12. Windowed watchdog concept
After a good or a bad watchdog refresh, a new window period starts immediately.
When an error occurs on the Watchdog refresh with an error on the timing, the bit
"BAD_WD_TIMING" is set for diagnostics.
When an error occurs on the Watchdog refresh with an error on the data, the bit
"BAD_WD_DATA" is set for diagnostics.
The duration of the watchdog window is configurable from 1 ms to 1024 ms with the
WD_WINDOW [3:0] bits. The new watchdog window is effective after the next watchdog
refresh. The watchdog window may be set to infinite.
The WD_WINDOW[3:0] has a complimentary register NOT_WD_WINDOW[3:0] which
must be written with the complimentary value for the input to take effect. This is to
prevent erroneous communication from causing negative system impact.
The initial watchdog window is set to 1024 ms until the first refresh by default. This is
to allow time for the MCU to boot up and refresh the watchdog for the first time. The
1024 ms initial window is available every time the Watchdog starts.
WD_WINDOW[3:0]
Watchdog window period
0000
DISABLE (during INIT_FS only)
0001
1.0 ms
0010
2.0 ms
0011 (default)
3.0 ms
0100
4.0 ms
0101
6.0 ms
0110
8.0 ms
0111
12 ms
1000
16 ms
1001
24 ms
1010
32 ms
1011
64 ms
1100
128 ms
1101
256 ms
Table 38. Watchdog window period configuration
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
40 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com