Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
that OTP_SW1_VOLT[7:0] is set to the appropriate value from Table 10 as the slope
compensation is calculated internally based on the output voltage.
aaa-038828
VOUT
R1
R2
SW1FB
Figure 7. SW1 output voltage setting using an external resistor divider
OTP_SW1_VOLT[7:0]
Vout Setting (V)
00010000
1.8
00010001
1.85
00010010
1.9
00010011
1.95
00010100
2
00010101
2.05
00010110
2.1
00010111
2.15
00011000
2.2
00011001
2.25
00011010
2.3
00011011
2.35
00011100
2.4
00011101
2.45
00011110
2.5
00011111
2.55
00100000
2.6
00100001
2.65
00100010
2.7
00100011
2.75
00100100
2.8
00100101
2.85
00100110
2.9
00100111
2.95
00101000
3
00101001
3.05
00101010
3.1
00101011
3.15
Table 10. OTP_SW1_VOLT[7:0] selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
12 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com