Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 4 Page - NXP Semiconductors

  MFS5600AMBA0ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
5 FS5600 Internal Block Diagram
aaa-037151
LDO/
SWITCH
VCC OV/UV
MONITOR
20 MHz & 100 kHz
CLOCKS; PLL
VOLTAGE
MONITORS
SW1
BUCK REGULATOR
SW1FB
EN2
VIN
VDDIO
VCC
VDIG OV/UV
MONITOR
SCL
SDA
GPIO1
GPIO2
GPIO3
I/O
Buffers
FS5600 LOGIC
Regulator Control
State Machine
Functional Safety
LBIST
V1P6 LDO
VDIG
SW2FB
SYNCIN/MODE
VMON1
VMON2
VMON3
VMON4
SW1FB
SW2FB
OUTPUT
BUFFERS
(MONITORED)
PGOOD1
PGOOD2
FS0B
BIAS_IN
SW2
BUCK CONTROLLER
ABIST
MAIN BANDGAP
AND CURRENT
REFERENCE
MONITORING
BANDGAP
OTP MEMORY
(CRC/ECC)
THERMAL
SHUTDOWN
BANDGAP
COMPARATOR
Figure 2. FS5600 internal block diagram
6 Regulator Input Configurations
Input to SW1 and SW2 may be applied directly from a reverse protected automotive
battery, or from the output of the other regulator as shown below. Ensure that Enable for
the regulator goes high after its input is stable for proper soft-start operation.
SW2 Ext FET
SW2OUT
Ext FET IN
Q1
Q2
From reverse protected
battery or SW1OUT
SW1 Int FET
SW1OUT
SW1IN
From reverse protected
battery or SW2OUT
From reverse
protected battery
VIN
FS5600
aaa-039552
Figure 3. Regulator input options
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
4 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com