Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 2 Page - NXP Semiconductors

  MFS5600AMBA0ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
2.1 Overview
aaa-037150
SW1 - Buck Regulator
FS5600 Functional Block Diagram
Up to 36 V Input
> 3 A Load Current
1.8 V to 8.0 V Output
Internal FET
4x VMON
2x PGOOD
ABIST
LBIST
Clock Sync
FS0B
Watchdog
I2C
Spread
Spectrum
OTP
Memory
3x GPIO
Thermal
Shutdown
Frequency
Tuning
SW2 - Buck Controller
Up to 36 V Input
Up to 15 A Load
1.8 V to 7.2 V Output
External FET
Figure 1. FS5600 Functional block diagram
3 Applications
QM to ASIL D automotive applications such as:
• Infotainment / Cluster / Driver Awareness
• Telematics
• V2X
• Radar
• Vision
• ADAS
• Sensor fusion
Additional safety mechanisms may be needed for ASIL D compliance in the system level.
FS5600 is developed to meet ASIL B requirements.
4 Ordering Information
The FS5600 is offered in QM, ASIL B, and Enhanced ASIL B versions. The Enhanced
ASIL B version features a Challenger Watchdog and Logic BIST (LBIST) which may
be used to achieve ASIL D functional safety at the system level. Additional safety
mechanisms may be needed at the system level for ASIL D compliance.
Feature
QM Version
ASIL B Version
Enhanced ASIL B
Version
SW1 – Integrated FET buck converter
Yes
Yes
Yes
SW2 – External FET buck controller
Yes
Yes
Yes
GPOs for system sequence control
Yes
Yes
Yes
PGOOD1 and PGOOD2 output
Yes
Yes
Yes
Windowed Watchdog Timer
No
Yes (Simple)
Yes (Challenger)
Table 1. Device options
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
2 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com