Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 105 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 101Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 102Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 103Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 104Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 105Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 106Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 107Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 108Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
23 Revision History
Document ID
Release
date
Data sheet status
Change notice
Supersedes
FS5600 v.3
20220802 Product data sheet
CIN# 202202008I
v.2
Modifications
• In Section 2, added up to 15 A load capability for Buck Controller - External FET
• In Figure 1, under SW@ - Buck Controller, changed >10 A to up to 15 A
• In Section 10, added this note below the table: In the absence of BIAS_IN, VIN falling below this
voltage will cause FS5600 to power off
• In Section 12.1, corrected the units of Error Amplifier Transconductance from ms to mS
• In Section 12.2.1, added this to the end of the paragraph after the first table: When operating at 450
kHz or lower, by choosing low Rds(on) MOSFETs in separate packages, and with a low DCR inductor,
SW2 can be designed to support loads of up to 15 A. Refer to the schematic of KITFS5600FRDMEVM
for a design that can support 15 A.
• Reorganized Section 12, adding Section 12.2.1.2 material
• In Section 12.2.1.1, added Use closest standard values for resistor and capacitors to the end of the
section
• In Section 17.6.1, added PGOODx toggle due to a before watchdog failure
• In Section 17.13.7, changed OTP_DFN_EN to OTP_DFS_EN
• Added Section 19
• In Figure 11, in the Divider 1 box, changed /8 to /7. In the Divider 2 box, changed /48 to /44.
• In Figure 33, made these pin numbering changes at the lower left:
Swap 5-6
Swap 4-2
Swap 3-1
FS5600 v.2
20210601 Product data sheet
—
v.1
Modifications
Moved from Objective status to Product status
FS5600 v.1
20201029 Objective data sheet
—
—
Modifications
Initial release
Table 85. Revision history
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
105 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com