Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6.8 Switching Characteristics (Translating Up), VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 2.3 V, VIL = 0, VT = 3.3 V, VM = 1.15 V and RL
= 300 (unless otherwise noted) (see Figure 7-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
2.1
1.55
0.9
ns
tPHL
2.2
1.65
1
6.9 Switching Characteristics (Translating Up), VGATE = 2.5 V
over recommended operating free-air temperature range, VGATE = 2.5 V, VIH = 1.5 V, VIL = 0, VT = 2.5 V, VM = 0.75 V and RL
= 300 (unless otherwise noted) (see Figure 7-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.8
1.35
0.8
ns
tPHL
1.9
1.45
0.9
6.10 Typical Characteristics
±0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
Time (ns)
Input
Output
C005
Figure 6-1. Signal Integrity (1.8 to 3.3 V Translation Up at 50 MHz)
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com