Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LSF0108-Q1 device can perform voltage translation for open-drain or push-pull interface. Table 9-1 provides
some consumer or telecom interfaces as reference to the different channel numbers that are supported by the
LSF0108-Q1.
Table 9-1. Voltage Translator for Consumer or Telecom Interface
Part Name
Channel Number
Interface
LSF0108-Q1
8
GPIO, MDIO, SDIO, SVID, UART, SMBus, PMBus, I2C, and SPI
Some important reminders regarding the LSF family of devices are as follows:
• LSF devices are switch-based, not buffer-based (see the TXB family for buffer-based devices)
• Specific data rates cannot be calculated by using 1/Tpd
• VCCB/VCCA are not the same as Vref_B or Vref_A: VCCB refers to the B-side supply voltage supplied to the
LSF device, while Vref_B refers to the voltage at the Vref_B pin (pin 7 of Figure 9-1) on the other side of the
200 kΩ resistor
9.2 Typical Application
9.2.1 I2C PMBus, SMBus, GPIO
Vref_A
Vref_B
EN
A1
A2
B1
B2
LSF0108-Q1
200 k
Vcc
Vcc
Rpu
GPIO
GPIO
GPIO
GPIO
Vref(A) = 1.8 V
Vpu = 5.0 V
Rpu
Rpu
Vpu = 3.3 V
GPIO
GPIO
1.8 V
A3
A4
B3
B4
A5
A6
B5
B6
SCL
SDA
GPIO
GPIO
MDIO
MDC
SCL
SDA
MDIO
MDC
Rpu
Rpu
SW
SW
SW
SW
SW
SW
SW
SW
Vcc
Figure 9-1. Bidirectional Translation to Multiple Voltage Levels
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com