Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments LSF0108 Datasheet HTML 19Page - Texas Instruments LSF0108 Datasheet HTML 20Page - Texas Instruments LSF0108 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
9.2.1.3 Application Curves
-1
0
1
2
3
4
0
50
100
150
200
250
300
350
400
450
500
Time (ns)
Input
Output
.
Figure 9-4. Captured Waveform From Above I2C
Set-Up (1.8 V to 3.3 V at 2.5 MHz)
Input (3.3V)
Output (1.0V)
.
Figure 9-5. Captured Waveform From Above MDIO
Setup
9.2.2 Mixed-Mode Voltage Translation
The supply voltage (Vpu#) for each channel can be individually set with a pull-up resistor. Figure 9-6 shows an
example of this mixed-mode multi-voltage translation. For additional details on multi-voltage translation, see the
Multi-voltage Translation with the LSF Family video.
With the Vref_B pulled up to 5 V and Vref_A connected to 1.8 V, all channels will be clamped to 1.8 V at which
point a pullup can be used to define the high level voltage for a given channel.
• Push-Pull Down Translation (5 V to 1.8 V): Channel 1 is an example of this setup. When B1 is 5 V, A1 is
clamped to 1.8 V, and when B1 is LOW, A1 is driven LOW through the switch.
• Push-Pull Up Translation (1.8 V to 5 V): Channel 2 is an example of this setup. When A2 is 1.8 V, the
switch is high impedance and the B2 channel is pulled up to 5 V. When A2 is LOW, B2 is driven LOW through
the switch.
• Push-Pull Down Translation (3.3 V to 1.8 V): Channels 3 and 4 are examples of this setup. When either B3
or B4 are driven to 3.3 V, A3 or A4 are clamped to 1.8 V, and when either B3 or B4 are LOW, A3 or A4 are
driven LOW through the switch.
• Open-Drain Bidirectional Translation (3.3 V ↔ 1.8 V): Channels 5 through 8 are examples of this setup.
These channels are for bidirectional operation for I2C and MDIO to translate between 1.8 V and 3.3 V with
open-drain drivers.
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com