Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments LSF0108 Datasheet HTML 19Page - Texas Instruments LSF0108 Datasheet HTML 20Page - Texas Instruments LSF0108 Datasheet HTML 21Page - Texas Instruments LSF0108 Datasheet HTML 22Page - Texas Instruments LSF0108 Datasheet HTML 23Page - Texas Instruments LSF0108 Datasheet HTML 24Page - Texas Instruments LSF0108 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
10 Power Supply Recommendations
There are no power sequence requirements for the LSF0108-Q1. For enable and reference voltage guidelines,
refer to Section 9.2.1.1.1.
11 Layout
11.1 Layout Guidelines
Because the LSF0108-Q1 is a switch-type level translator, the signal integrity is highly related with a pull-up
resistor and PCB capacitance condition.
• Short signal trace as possible to reduce capacitance and minimize stub from pull-up resistor.
• Place LSF close to high voltage side.
• Select the appropriate pull-up resistor that applies to translation levels and driving capability of transmitter.
11.2 Layout Example
LSF0108-Q1
1
GND
20
EN
2
Vref_A
19
Vref_B
3
A1
18
B1
4
A2
17
B2
10
A8
11
B8
Minimize Stub as possible
Short Signal Trace as possible
Figure 11-1. Short Trace Layout
Device PCB
TP1
SD Controller
(1.8 V IO)
TP2
LSF0108-Q1
SDIO level translator
SDIO Connnector
(3.3 V IO)
Figure 11-2. Device Placement
Time (ns)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D011
Input
Output
Figure 11-3. Waveform From TP1
(Pull-Up Resistor: 160-Ω and 50-pF Capacitance
3.3 V to 1.8 V at 100 MHz)
Time (ns)
0
3
6
9
12
15
18
21
24
27
30
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D010
Input
Output
Figure 11-4. Waveform From TP2
(Pull-Up Resistor: 160-Ω and 50-pF Capacitance
1.8 V to 3.3 V at 100 MHz)
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com