Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Vref_A
VCCB
EN
200 k
A1
A2
B1
B2
GND
LSF0108-Q1
Vref_B
3.3 V
Device
3.3 V
RB1
0.1 μF
1.8 V
Device
1.8 V
VCCA
B8
A8
.
.
.
.
.
.
Figure 8-3. Up Translation Example Schematic with Push-Pull and Open Drain Configuration
Up translation with the LSF requires attention to two important factors: maximum data rate and sink current.
Maximum data rate is directly related to the rising edge of the output signal. Sink current depends on supply
values and the chosen pull-up resistor values. Equation 1 shows the maximum data rate formula, and Equation
2 presents the maximum sink current formula, both of which are estimations. A low RC value is needed to reach
high speeds, which also require strong drivers. For estimated data rate and sink current calculations based on
circuit component, see the Up Translation with the LSF Family video.
1
3 × 2RB1CB1 =  16RB1CB1  bitssecond
(1)
IOL ≅ VCCARA1+ VCCBRB1 A
(2)
Down Translation: When the signal is being driven HIGH from the Bn port to An port, the switch will be OFF,
clamping the voltage on the An port to the voltage set by Vref_A. A pull-up resistor can be added on either side
of the device. There are special circumstances that allow the removal of one or both of the pull-up resistors. If
the signal is always going to be down translated from a push-pull transmitter, then the resistor on the B-side
can be removed. If the leakage current into the receiver on the A-side is less than 1 µA, then the resistor on
the A-side can also be removed. This arrangement, with no external pull-up resistors, can be used when down
translating from a push-pull output to a low-leakage input. For an open drain transmitter, the pull-up resistor on
the B-side is necessary because an open drain output cannot drive high by itself. Table 9-2 lists a summary
of device operation. For additional details on the functional operation of the LSF family of devices, see the Up
Translation with the LSF Family and Down Translation with the LSF Family videos.
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com