Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
8.3.3 Wettable Flanks
This device includes wettable flanks for at least one package. See the Features section on the front page of the
data sheet for which packages include this feature.
Wettable flanks help improve side wetting after soldering which makes QFN packages easier to inspect with
automatic optical inspection (AOI). A wettable flank can be dimpled or step-cut to provide additional surface
area for solder adhesion which assists in reliably creating a side fillet as shown in the figure. Please see the
mechanical drawing for additional details.
Figure 8-2. Simplified Cutaway View of Wettable-Flank QFN Package and Standard QFN Package After
Soldering
Package
We able Flank Lead
PCB
Pad
Standard Lead
Package
Solder
8.4 Device Functional Modes
For each channel (n), when either the An or Bn port is LOW, the switch provides a low impedance path between
the An and Bn ports; the corresponding Bn or An port will be pulled LOW. The low RON of the switch allows
connections to be made with minimal propagation delay and signal distortion.
Table 8-1 provides a summary of device operation. For additional details on the functional operation of the LSF
family of devices, see the Down Translation with the LSF Family and Up Translation with the LSF Family videos.
Table 8-2. Device Functionality
Signal Direction(1)
Input State
Switch State
Functionality
B to A (Down Translation)
B = LOW
ON
(Low Impedance)
A-side voltage is pulled low through the switch to the B-side voltage
B = HIGH
OFF
(High Impedance)
A-side voltage is clamped at Vref_A (2)
A to B (Up Translation)
A = LOW
ON
(Low Impedance)
B-side voltage is pulled low through the switch to the A-side voltage
A = HIGH
OFF
(High Impedance)
B-side voltage is clamped at Vref_A and then pulled up to the Vpu#
supply voltage
(1)
The downstream channel should not be actively driven through a low impedance driver, or else bus contention may occur.
(2)
The A-side can have a pullup to Vref_A for additional current drive capability or may also be pulled above Vref_A with a pullup resistor.
Specifications in the Recommended Operating Conditions section should always be followed.
8.4.1 Up and Down Translation
Up Translation: When the signal is driven from A to B and the An port is HIGH, the switch will be OFF and the
Bn port will then be driven to a voltage higher than Vref_A by the pullup resistor that is connected to the pull-up
supply voltage. This functionality allows seamless translation between the higher and lower voltages selected
by the user, without the need for directional control. Pull-up resistors are always required on the high side, and
pull-ups are only required on the low side if the output of the low side device is open drain or its input has a
leakage greater than 1 µA.
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com