Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0108 Datasheet HTML 1Page - Texas Instruments LSF0108 Datasheet HTML 2Page - Texas Instruments LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
1 Features
• AEC-Q100 qualified with the following results:
– Device HBM ESD classification level 2000-V
– Device CDM ESD classification level 1000-V
• Available in wettable flank VQFN (RKS) package
• Provides bidirectional voltage translation with no
direction pin
• Supports up to 100 MHz up translation and
greater than 100 MHz down translation at ≤ 30-pF
capacitive load and up to 40 MHz up or down
translation at 50-pF capacitive load
• Supports hot insertion
• Allow bidirectional voltage level translation
between
– 0.95 V ↔ 1.8 V, 2.5 V, 3.3 V, 5 V
– 1.2 V ↔ 1.8 V, 2.5 V, 3.3 V, 5 V
– 1.8 V ↔ 2.5 V, 3.3 V, 5 V
– 2.5 V ↔ 3.3 V, 5 V
– 3.3 V ↔ 5 V
• Low standby current
• 5-V tolerance I/O port to support TTL
• Low ron provides less signal distortion
• High-impedance I/O pins for EN = low
• Flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per JESD
17
• –40°C to +125°C operating temperature range
Vref_A
Vref_B
2
19
3
4
5
6
20
EN
18
17
16
15
1
GND
A1
A2
A3
A4
B1
B2
B3
B4
SW
7
8
9
10
14
13
12
11
A5
A6
A7
A8
B5
B6
B7
B8
LSF0108-Q1
SW
SW
SW
SW
SW
SW
SW
Functional Block Diagram
2 Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
• Infotainment and cluster
• Body electronics and lighting
• Hybrid, electric, and powertrain systems
• Passive safety
• ADAS
3 Description
• Supports up to 100 MHz up translation and greater
than 100 MHz down translation at
≦ 30 pF cap
load and up to 40 MHz up and down translation at
50 pF capacitive load:
– Allows the LSF family to support more
consumer or telecom interfaces (MDIO or
SDIO)
• Bidirectional voltage translation without DIR pin:
– Minimizes system effort to develop voltage
translation for bidirectional interface (PMBus,
I2C, or SMbus)
• 5 V tolerance on IO port and 125°C support:
– With 5 V tolerance and 125°C support, the LSF
family is flexible and compliant with TTL levels
in industrial and telecom applications
• Channel specific translation:
– The LSF family is able to set up different
voltage translation levels on each channel
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LSF0108-Q1
PW (TSSOP, 20)
4.40 mm × 6.50 mm
RKS (VQFN, 20)(2)
4.50 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - LSF0108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0108 TI1-LSF0108 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0108 TI-LSF0108 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108 TI-LSF0108 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108 TI-LSF0108 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
logo
Nexperia B.V. All right...
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
More results

Similar Description - LSF0108

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Analog Devices
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
logo
Texas Instruments
LSF0108-Q1 TI-LSF0108-Q1_V02 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
logo
Nexperia B.V. All right...
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com