Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments LSF0108 Datasheet HTML 19Page - Texas Instruments LSF0108 Datasheet HTML 20Page - Texas Instruments LSF0108 Datasheet HTML 21Page - Texas Instruments LSF0108 Datasheet HTML 22Page - Texas Instruments LSF0108 Datasheet HTML 23Page - Texas Instruments LSF0108 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
9.2.2.2 Voltage Translation for Vref_B < Vref_A + 0.8 V
As described in Table 9-2, it is generally recommended that Vref_B > Vref_A + 0.8 V; however, the device can
still operate in the condition where Vref_B < Vref_A + 0.8 V as long as additional considerations are made for the
design.
Typical Operation (Vref_B > Vref_A + 0.8 V): in this scenario, pullup resistors are not required on the A-side for
proper down-translation as is shown for channels 1 and 2 of Figure 9-6. The typical operating mode of the device
ensures that when down translating from B to A, the A-side I/O ports will clamp at Vref_A to provide proper
voltage translation. For further explanation of device operation, see the Down Translation with the LSF Family
video.
Requirements for Vref_B < Vref_A + 0.8 V Operation: in this scenario, there is not a large enough voltage
difference between Vref_A and Vref_B to ensure that the A side I/O ports will be clamped at Vref_A, but rather at
a voltage approximately equal to Vref_B – 0.8 V. For example, if Vref_B = 1.8 V and Vref_A = 1.2 V, the A-side
I/Os will clamp to a voltage around 1.0 V. Therefore, to operate in such a condition, the following additional
design considerations must be met:
• Vref_B must be greater than Vref_A during operation (Vref_B > Vref_A)
• Pullup resistors should be populated on A-side I/O ports to ensure the line will be fully pulled up to the
desired voltage
Figure 9-8 shows an example of this setup, where 1.2 V ↔ 1.8 V translation is achieved with the LSF0108-Q1.
This type of setup also applies for other voltage nodes such as 1.8 V ↔ 2.5 V, 1.05 V ↔ 1.5 V, and others as
long as the Recommended Operating Conditions table is followed.
1.8 V
SW
SW
1.8 V Device
1.2 V Device
200 k
Vref_B
RPU(B1)
Vref_A
1.2 V
RPU(B2)
EN
B1
B2
A2
A1
RPU(A2)
RPU(A1)
0.1 F
Figure 9-8. 1.2 V to 1.8 V Level Translation with LSF0108-Q1
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com