Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments LSF0108 Datasheet HTML 19Page - Texas Instruments LSF0108 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
9.2.1.2.3 LSF0108-Q1 Bandwidth
The maximum frequency of the LSF0108-Q1 is dependent on the application. The device can operate at speeds
of >100 MHz given the correct conditions. The maximum frequency is dependent upon the loading of the
application. The LSF0108-Q1 behaves like a standard switch where the bandwidth of the device is dictated by
the on resistance and on capacitance of the device.
Figure 9-3 shows a bandwidth measurement of the LSF0108-Q1 using a two-port network analyzer.
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1000
Frequency (MHz)
Figure 9-3. 3-dB Bandwidth
The 3-dB point of the LSF0108-Q1 is
≅ 600 MHz; however, this measurement is an analog type of
measurement. For digital applications the signal should not degrade up to the fifth harmonic of the digital signal.
The frequency bandwidth should be at least five times the maximum digital clock rate. This component of the
signal is very important in determining the overall shape of the digital signal. In the case of the LSF0108-Q1, a
digital clock frequency of greater than 100 MHz can be achieved.
The LSF0108-Q1 does not provide any drive capability. Therefore higher frequency applications will require
higher drive strength from the host side. No pull-up resistor is needed on the host side (3.3 V) if the LSF0108-Q1
is being driven by standard CMOS totem pole output driver. Ideally, it is best to minimize the trace length from
the LSF0108-Q1 on the sink side (1.8 V) to minimize signal degradation.
All fast edges have an infinite spectrum of frequency components; however, there is an inflection (or knee) in the
frequency spectrum of fast edges where frequency components higher than ƒknee are insignificant in determining
the shape of the signal.
To calculate the maximum practical frequency component, or the knee frequency (fknee), use Equation 4 and
Equation 5:
fknee =  0.5
RT 10 − 80% 
(4)
fknee =  0.4
RT 20 − 80% 
(5)
For signals with rise time characteristics based on 10% to 90% thresholds, fknee is equal to 0.5 divided by the
rise time of the signal. For signals with rise time characteristics based on 20% to 80% thresholds, which is very
common in many of today's device specifications, ƒknee is equal to 0.4 divided by the rise time of the signal.
Some guidelines to follow that will help maximize the performance of the device:
• Keep trace length to a minimum by placing the LSF0108-Q1 close to the I2C output of the processor.
• The trace length should be less than half the time of flight to reduce ringing and line reflections or non-
monotonic behavior in the switching region.
• To reduce overshoots, a pull-up resistor can be added on the 1.8 V side; be aware that a slower fall time is to
be expected.
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com