Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 26 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 22Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 23Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 24Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 25Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 26Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 27Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 28Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 29Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Output Current (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
50
55
60
65
70
75
80
85
90
95
100
5 Vin
1.8 Vout
2.2 μH, 2.2 MHz
1st L-C Only
Figure 8-8. Efficiency vs Load Current
12 V to 1.2 V
1 MHz
1st L-C Only
300 mA to 3 A to 300 mA
Figure 8-9. Load Transient
12 V to 1.2 V
1 MHz
After 2nd L-C
300 mA to 3 A to 300 mA
Figure 8-10. Load Transient
12 V to 1.8 V
1 MHz
1st L-C Only
300 mA to 3 A to 300 mA
Figure 8-11. Load Transient
12 V to 1.8 V
1 MHz
After 2nd L-C
300 mA to 3 A to 300 mA
Figure 8-12. Load Transient
12 V to 3.3 V
2.2 MHz
1st L-C Only
300 mA to 3 A to 300 mA
Figure 8-13. Load Transient
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com