Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 15 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 11Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 12Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 13Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 14Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 15Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 16Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 17Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 18Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
7 Detailed Description
7.1 Overview
The TPSM8291x low-noise, low-ripple synchronous buck converter module is a fixed frequency current mode
converter module. The converter module has a filtered internal reference to achieve a low-noise output similar
to low-noise LDOs. The converter module achieves lower output voltage ripple by using a switching frequency
of either 2.2 MHz or 1 MHz and an integrated 2.2-μH inductor. The output voltage ripple can be further reduced
by adding a small second stage L-C filter to the output. This can be a ferrite bead or a small inductor, followed
by an output capacitor. Internal compensation maintains stability with an external filter inductor up to 50 nH.
To avoid voltage drops across this second stage filter, the device regulates the output voltage after the filter.
The TPSM8291x family supports an optional spread spectrum modulation. For example, when powering ADCs,
spread spectrum modulation reduces the mixing spurs. Switching frequency, spread spectrum modulation, and
output discharge are set using the S-CONF pin.
7.2 Functional Block Diagram
VOUT
MOSFET Driver
Anti Shoot Through
Converter Control Logic
High Side
Current Sense
Comparator
VIN
PGND
EN/SYNC
FB
2nd stage filter
compensation
NR/SS
Iss
Output voltage
discharge
logic
VPG
PG
VFB
Undervoltage
lockout
Thermal shutdown
Slope
Compensation
VREF
0.8V
Rf
PSNS
1.0V
Low Side
Current Sense
S-CONF
GGG
+
t
+
t
+
t
+
t
+
t
+
t
ADC
Start-up readout
S-CONF
Register
Selection
MODE
MODE
1MHz/2.2MHz
MODE
MUX
Spread Spectrum
Modulation
MODE
Clock
Detector
Softstart
GM
GM Amplifier
+
t
EN/SYNC
VIN
VIN
RDIS
2.2 µH
220 nF
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com