Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 22 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 18Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 19Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 20Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 21Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 22Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 23Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 24Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 25Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 External Component Selection
8.2.2.2.1 Switching Frequency Selection
The switching frequency can be chosen to optimize efficiency (1 MHz) or ripple, noise (2.2 MHz). Using the 2.2-
MHz setting increases the gain of the feedback loop and can result in lower output noise. However, additional
considerations for minimum on-time and duty cycle must also be considered. First, calculate the duty cycle
using Equation 3. Higher efficiency results in a shorter on-time, so a conservative approach is to use a higher
efficiency than expected in the application.
OUT
IN
V
D
V
K
u
(3)
where
• η is the estimated efficiency (use the value from the efficiency curves or 0.9 as an conservative assumption)
Then, calculate the on-time with both 1 MHz and 2.2 MHz using Equation 4. The on-time must always remain
above the minimum on-time of 70 ns. Use the maximum input voltage and maximum efficiency to determine the
minimum duty cycle, Dmin. Use the maximum switching frequency for fSW.
min
_ min
_ max
ON
SW
D
t
f
(4)
then
• If tON_min min < 70 ns with 2.2 MHz, use 1 MHz.
• If tON_min min < 70 ns with 1 MHz, reduce the maximum input voltage.
• If tON_min min ≥ 70 ns for both cases, use 1 MHz for highest efficiency, or 2.2 MHz for lowest noise and ripple.
8.2.2.2.2 Output Capacitor Selection
The effective output capacitance can range from 40 μF (minimum) up to 200 μF (maximum) for a single L-C
system design. When using a second L-C filter, the first L-C filter must have output capacitance between 40
μF and 80 μF, the second stage L-C filter (if used) must have at least 20 μF of capacitance, and the total
capacitance for both L-C filters must be less than 200 μF. Load transient testing and measuring the bode plot are
good ways to verify stability.
TI recommends ceramic capacitors (X5R or X7R). Ceramic capacitors have a DC-Bias effect, which has a strong
influence on the final effective capacitance. Choose the right capacitor carefully in combination with considering
its package size and voltage rating. The ESR and ESL of the output capacitor are also important considerations
in selecting the output capacitors for low noise applications. Smaller package sizes typically have lower ESL
and ESR. 0805 or smaller packages are recommended, as long as they provide the required capacitance and
voltage rating for stable operation. Table 8-4 lists recommended output capacitors.
Table 8-4. Recommended Output Capacitors
CAPACITOR TYPE
CAPACITOR VALUE
MANUFACTURER
VOLTAGE (V)
PACKAGE
Bulk Capacitor
22 μF, X7S
TDK C2012X7S1A226M125AC
10
0805
Bulk Capacitor
47 μF, X7R
Murata GRM32ER71A476ME15L
10
1210
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com