Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 24 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 20Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 21Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 22Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 23Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 24Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 25Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 26Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 27Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
equal to or lower than 5 kΩ. Lower values of FB resistors achieve better noise immunity, and lower light load
efficiency, as explained in the Design Considerations for a Resistive Feedback Divider in a DC/DC Converter
technical brief.
OUT
OUT
FB
V
V
R1 = R2
1
= R2
1
V
0.8V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(6)
A feedforward capacitor (CFF) is not required for proper operation, but can further improve output noise.
However, care must be taken in choosing the CFF, because the power-good (PG) function can not be valid
with a large CFF during start-up, and can cause spurious triggering of the PG pin during a large load transient.
Refer to the Pros and Cons Using a Feedforward Capacitor with a Low Dropout Regulator application report for
a discussion of the pros and cons of using a feedforward capacitor.
8.2.2.2.6 NR/SS Capacitor Selection
As described in Section 7.3.8, the NR/SS cap affects both the total noise and the soft-start time. When no
NR/SS cap is connected, there is a default 2.35-ms soft-start time. The recommended value for a 5-ms soft-start
time and good noise performance is 220 nF, as there is an internal 220 nF capacitor already in the module. The
maximum NR/SS cap is 3.3 μF for a start-up time of 35 ms. Values greater than 1 μF have minimal improvement
in noise performance. Use Equation 7 and Equation 8 to calculate the soft-start time based on desired soft-start
time or the chosen capacitor value. Note that the CNRSS in the equation below is the combination of the internal
220 nF cap and any external cap from the CNRSS pin to GND.
tsss =  CNRSS×0.8
INRSS
(7)
CNRSSF = INRSS × tss
0.8
(8)
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com