Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 12 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 8Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 9Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 10Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 11Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 12Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 13Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 14Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 15Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
6.6 Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.2 V, TA = 25°C, BOM = Table 8-1, (unless otherwise noted)
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 15.3 VRMS
CNRSS = 220 nF, 14.3 VRMS
CNRSS = 470 nF, 14.3 VRMS
CNRSS = 2.2 F, 14.2 VRMS
5 V to 1.8 V
2.2 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-31. Output Noise Density vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 19.1 VRMS
CNRSS = 220 nF, 16.6 VRMS
CNRSS = 470 nF, 16.1 VRMS
CNRSS = 2.2 F, 15.9 VRMS
5 V to 3.3 V
2.2 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-32. Output Noise Density vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
20
30
40
50
60
70
80
90
100
110
120
12Vin 1.2Vout 1A
12Vin 1.2Vout 2A
12Vin 1.2Vout 3A
12 V to 1.2 V
2.2 μH, 1 MHz
1 A, 2 A, 3 A
After ferrite bead filter
Figure 6-33. PSRR vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
20
30
40
50
60
70
80
90
100
110
120
12Vin 1.8Vout 1A
12Vin 1.8Vout 2A
12Vin 1.8Vout 3A
12 V to 1.8 V
2.2 μH, 1 MHz
1 A, 2 A, 3 A
After ferrite bead filter
Figure 6-34. PSRR vs Frequency
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com