Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 19 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 15Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 16Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 17Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 18Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 19Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 20Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 21Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 22Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
If the low-side sinking current limit is exceeded, the low-side MOSFET is turned off. In this scenario, both
MOSFETs are off until the start of the next cycle.
7.3.10 Thermal Shutdown
The device goes into thermal shutdown after the junction temperature exceeds typically 170°C with a 20°C
hysteresis.
7.4 Device Functional Modes
7.4.1 Fixed Frequency Pulse Width Modulation
To minimize output voltage ripple, the device operates in fixed frequency PWM operation down to no load. The
switching frequency of 1 MHz or 2.2 MHz is selected using the S-CONF pin.
7.4.2 Low Duty Cycle Operation
For high input voltages or low output voltages, the 70-ns minimum on-time limits the maximum input to output
voltage difference and the switching frequency selected. When the minimum on-time is reached, the output
voltage rises above the regulation point. Refer to Table 8-2 for detailed design recommendations.
7.4.3 High Duty Cycle Operation (100% Duty Cycle)
The device offers a low input-to-output voltage differential by entering 100% duty cycle mode. In this mode,
the high-side MOSFET switch is constantly turned on. The minimum input voltage to maintain output voltage
regulation, depending on the load current and the output voltage level, is calculated as:
(min)
(min)
(
)
(
)
IN
OUT
OUT
DS ON
L
V
V
I
R
R
u
(2)
where
• VOUT(min) is the minimum output voltage the load can accept
• IOUT is the output current
• RDS(ON) is the RDS(ON) of the high-side MOSFET
• RL is the DC resistance of the inductor used,
76 mΩ for the TPSM8291x
To maintain fixed frequency switching, the device requires a minimum off-time of 50 ns (typical), 60 ns
(maximum). If this limit is reached during a switching pulse, the device skips switching pulses to maintain output
voltage regulation. If the input voltage decreases further, the device enters 100% mode.
7.4.4 Second Stage L-C Filter Compensation (Optional)
Most low-noise and low-ripple applications use a ferrite bead and bypass capacitor before the load. Using a
second L-C filter is especially useful for low-noise and low-ripple applications with constant load current such as
ADCs, DACs, and Jitter Cleaner. The second stage L-C filter is optional, and the device can be used without
this filter. Without the filter, the device has a low output voltage noise of typically 16.6 μVRMS shown in Figure
6-29 with an output voltage ripple of 280 μVRMS shown in Figure 6-10. The second stage L-C filter attenuates
the output voltage ripple by another approximately 30 dB shown in Figure 6-12. To improve load regulation, the
device can remote sense the output voltage after the second stage L-C filter and is internally compensated for
the additional double pole generated by the L-C filter.
To keep the second stage L-C filter as small as possible, the internal compensation is optimized for a 10-nH
to 50-nH inductance. A small ferrite bead or even a PCB trace provides sufficient inductance for output voltage
ripple filtering. See Section 8.2.2.2.3 for details.
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com