Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 17 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 13Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 14Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 15Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 16Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 17Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 18Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 19Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 20Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
EN/SYNC
EN/SYNC
EN
CLK
Figure 7-1. Synchronization with Separate Enable Signal (Optional)
7.3.4 Spread Spectrum Modulation
Using the S-CONF pin enables or disables spread spectrum modulation. DC/DC converters generate an output
voltage ripple at the switching frequency. When powering ADCs or an analog front end (AFE), the switching
frequency generates high frequency mixing spurs as well as a low frequency spur in the output frequency
spectrum. Using the optional second stage L-C filter reduces the ripple of the converter and spurs by up to 30
dB.
The device has integrated two different spread spectrum modulation (SSM) schemes that are selected by
the resistor connected to the S-CONF pin according to Table 7-1. It is possible to select random or triangle
modulation to spread the switching frequency over a larger frequency range. The triangular SSM is modulated
based on the switching frequency, and results in 1.9-kHz for 1-MHz switching frequency and 4.3-kHz for
2.2-MHz switching frequency. The modulation spread is ±10% of the device switching frequency. This SSM
provides high attenuation when the receiver bandwidth is less than the modulation frequency, typically the
case for systems using Fast Fourier Transforms (FFT) post processing as in high speed ADC applications.
For applications sensitive to noise at the modulation frequency, random SSM is used. Using a random spread
spectrum modulation also reduces the spurs in the output spectrum as shown in Figure 6-2. The random
SSM operates with the same frequency spread and modulation period as the triangular SSM. The randomized
modulation uses a Fibonacci Linear-Feedback Shift Register (LFSR) so that every tone is generated once during
the pseudo-random generation period. The frequency spreading is shown in Figure 7-2.The attenuation using
random or triangle SSM is shown in Figure 6-26.
fMOD
Triangular
(single tone)
fSW
Unmodulated
(single tone)
Spectral envelope of
triangular modulation
(+/- 10% fSW)
Spectral envelope of
random modulation
(+/- 10% fSW)
Increased noise floor
with random modulation
Figure 7-2. Spread Spectrum Modulation
7.3.5 Output Discharge
Output discharge is enabled or disabled, depending on the S-CONF setting. With output discharge enabled,
the output voltage is pulled low by a discharge resistor RDIS of typically 7 Ω. The output discharge function is
enabled during thermal shutdown, UVLO, or when EN/SYNC is pulled low.
7.3.6 Undervoltage Lockout (UVLO)
To avoid misoperation of the device at low input voltages, the device is enabled after the input voltage is above
the undervoltage lockout threshold. The device is disabled after the input voltage falls below the undervoltage
threshold.
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com