Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 27 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 23Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 24Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 25Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 26Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 27Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 28Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 29Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 30Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
12 V to 3.3 V
2.2 MHz
After 2nd L-C
300 mA to 3 A to 300 mA
Figure 8-14. Load Transient
8.3 Power Supply Recommendations
The power supply to the TPSM8291x must have a current rating according to the supply voltage, output voltage,
and output current of the TPSM8291x.
8.4 Layout
8.4.1 Layout Guidelines
A proper layout is critical for the operation of any switched mode power supply, especially at high switching
frequencies. Therefore, the PCB layout of the TPSM8291x demands careful attention to ensure best
performance. A poor layout can lead to issues like bad line and load regulation, instability, increased EMI
radiation, and noise sensitivity. Refer to the Five Steps to a Great PCB Layout for a Step-Down Converter
technical brief for a detailed discussion of general best practices. Specific recommendations for the device are
listed below.
• The TPSM8291x has an integrated input capacitor. However, placement of the input capacitors must be
placed as close as possible to the VIN and PGND pins of the device. Route the input capacitors directly to
the VIN and PGND pins avoiding vias.
• Place the output capacitor ground close to the PGND pin and route it directly avoiding vias.
• Sensitive traces, such as the connections to the NR/SS and FB pins must be connected with short traces and
be routed away from any noise source.
• Connect the PSNS pin directly to the system GND plane with a via.
• The SW pin must not be connected and must be left floating. If the pin is soldered to PCB copper, the pour
needs to be as small as possible with no inner layer connections. The pin is provided for probing the internal
SW only, and not to be connected to any external component, as shown on the EVM.
• Place the second L-C filter, Lf and Cf, near the load to reduce any radiated coupling around the second L-C
filter
• Place the FB resistors, R1 and R2, close to the FB pin and route the VOUT connection from R1 to the load as
a remote sense trace. If a second L-C filter is used, this connection must be made after Lf.
• The recommended layout is implemented on the EVM and shown in the EVM user's guide.
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com