Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE18PS080SN1 Datasheet(PDF) 11 Page - Texas Instruments

Part # BLE18PS080SN1
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BLE18PS080SN1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BLE18PS080SN1 Datasheet HTML 7Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 8Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 9Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 10Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 11Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 12Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 13Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 14Page - Texas Instruments BLE18PS080SN1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
6.6 Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.2 V, TA = 25°C, BOM = Table 8-1, (unless otherwise noted)
6 V to 1.2 V, 1 A
2.2 μH, 1 MHz
BW = 50 Hz
S-CONF = OFF, Triangular, Random
Figure 6-25. Spread Spectrum FFT - 50-Hz BW
12 V to 1.2 V, 2 A
2.2 μH, 1 MHz
BW = 10 kHz
S-CONF = OFF, Triangular, Random
Figure 6-26. Spread Spectrum FFT - 10-kH BW
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 25.8 VRMS
CNRSS = 220 nF, 27.4 VRMS
CNRSS = 470 nF, 27.3 VRMS
CNRSS = 2.2 F, 25 VRMS
12 V to 1.2 V
1 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-27. Output Noise Density vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 27.5 VRMS
CNRSS = 220 nF, 25.7 VRMS
CNRSS = 470 nF, 25.9 VRMS
CNRSS = 2.2 F, 25.9 VRMS
12 V to 1.8 V
1 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-28. Output Noise Density vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 19.6 VRMS
CNRSS = 220 nF, 17 VRMS
CNRSS = 470 nF, 16.6 VRMS
CNRSS = 2.2 F, 16.3 VRMS
12 V to 3.3 V
2.2 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-29. Output Noise Density vs Frequency
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 13.8 VRMS
CNRSS = 220 nF, 13.3 VRMS
CNRSS = 470 nF, 13.2 VRMS
CNRSS = 2.2 F, 13.2 VRMS
5 V to 1.2 V
2.2 MHz
After ferrite bead filter
NR/SS = Open, 220 nF, 470 nF, 2.2 μF, BW = 100 Hz to 100 kHz
Figure 6-30. Output Noise Density vs Frequency
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com