Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  QL Datasheet HTML 1Page - Panasonic Semiconductor QL Datasheet HTML 2Page - Panasonic Semiconductor QL Datasheet HTML 3Page - Panasonic Semiconductor QL Datasheet HTML 4Page - Panasonic Semiconductor QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
40
DATA
WIRING DIAGRAMS
1. Life curve
2. Actual load life curve (relay coil load)
700
0
30
200
100
500
400
300
600
12
250 V AC
Resistive load
Applied load (A)
345
Operating rate: 20 cpm
900
→
800
1,000
DIMENSIONS
1. L socket type
Push plunger
(VC20)
Note)
1
0
0.5
(NK)
500
(HC)
3
(HP)
5
(HG)
Various relay loads (VA)
700
(FC-100)
(FC-10)
50
(FC-35)
260
1,000
→
The FC magnetic contactor series is 200 V AC.
The NK is 2 Form C 24 V DC type.
COM
N.O.
QL
1
N.C.
3
2
fastening screw
(O.P.)
M3 socket
(32.5)
mounting holes
37.2
(25)
(.984)
.551
±.008
14
±0.2
(2.4)
8
.315
15.6
23
.295
7.5
3.6
1 max.(P.T.)
15.4
28
±0.2
2-.177
hexagon nut
head section M8
M12 (P=1.25)
13
14.8
steel plunger
1.6
15.6
12.6
stainless
.614
.142
(.094)
1.465
.906
17.2
±0.2
.039
.677
±.008
23.7
2-4.5 dia.
1.102
±.008
.933
.606
4.9
.193
14 dia.
.496
.063
.551
8 dia.
.315
.512
.583
.614
(1.280)
AZ4601
Weight:
90g
Roller pluger
4.9
(O.P.)
fastening screw
M3 socket
25.5
±0.2
mounting holes
(2.4)
(25)
(32.5)
(.984)
.315
(.094)
8
.551
±.008
7.5
.295
14
±0.2
1.465
.614
15.6
23
.906
3.6
.142
37.2
.193
2-.177
1.102
±.008
28
±0.2
2-4.5 dia.
13
14.8
.583
.512
.496
12.6
hexagon nut
M12 (P=1.25)
head section M8
.614
15.6
.063
1.6
1 max.(P.T.)
.039
23.7
.933
15.4
14 dia.
.551
stainless steel roller
10.5
3.8 dia.
.413
.150 dia.
.606
1.004
±.008
(1.280)
AZ4602
Weight:
90g
General tolerance: ±0.4 ±.016
Cross roller plunger
4.9
(O.P.)
fastening screw
M3 socket
25.5
±0.2
mounting holes
(2.4)
(25)
(32.5)
(.984)
.315
(.094)
8
.551
±.008
7.5
.295
14
±0.2
1.465
.614
15.6
23
.906
3.6
.142
37.2
.193
2-.177
1.102
±.008
28
±0.2
2-4.5 dia.
13
14.8
.583
.512
.496
12.6
hexagon nut
M12 (P=1.25)
head section M8
.614
15.6
.063
1.6
1 max.(P.T.)
.039
23.7
.933
15.4
14 dia.
.551
stainless steel roller
10.5
3.8 dia.
.413
.150 dia.
.606
1.004
±.008
(1.280)
AZ4603
Roller arm
M3 socket
8
(2.4)
(32.5)
25
7.5
28
±0.2
mounting holes
2-.177
±.008 dia.
37.5
15.6
23
14.5
3.6
15.6
38.8
±1
22.5
stainless steel roller
M4 arm fixing
23.7
.492
.150 dia.
M4 arm
PT 15
°±3° (.327)
16
R25
38.1
±1
27 min.
35.1
±1
1.528
±.039
.614
.886
1.063
1.500
±.039
1.382
±.039
fixing nut
fastening screw
(with hexagonal holes)
.906
.984
.295
.315
(.094)
.142
1.476
.614
.571
12.5
3.8 dia.
(8.3)
.933
.630
2-4.5
±0.2 dia.
14
±0.2
.551
±.008
4.8
.189
1.102
±.008
M12(P=1.25)
(Between side
head section M8
distance 13)
14.8
.583
(1.280)
AZ4604
Weight:
92.5g
General tolerance: ±0.4 ±.016
(25–100)
Adjustable
M4 rod fastening plate screw
4.8
14
±0.2
PT 15°±
3
°
(8.5)
5
(45.6)
37.3
±1
M12(P=1.25)
M3 socket
8
(2.4)
(32.5)
25
7.5
28
±0.2
mounting holes
2-.177
±.008 dia.
37.5
15.6
23
14.5
3.6
15.6
22.5
.614
.886
(Between side
fastening screw
head section M8
.906
.984
.295
.315
(.094)
.142
1.476
.614
.571
2-4.5
±0.2 dia.
1.102
±.008
Mounting metal
(1.795)
1.469
±.039
distance 13)
(.335)
23.7
.933
.197
.189
(.984–3.937)
length rod
.551
±.008
2.6 dia.
.102 dia. stainless rod
Rod fastening plate
M6 mounting
14.8
.583
screw
with hexagonal
holes
(1.280)
metal fastening
Presettable at any angle
in the 360
° range
()
AZ4607
Weight:
94.5g
Adjustable roller arm
PT 15
°±3°
12.5
3.8 dia.
15
°
(
(25~55)
Arm fastening plate
(46.6)
1.5
)
35.9
±1
32.9
±1
44.6
±1
41.6
±1
Adjustable
M4 arm fastening plate screw
M3 socket
(2.4)
37.5
15.6
23
14.5
3.6
14.8
15.6
22.5
.614
.583
.886
fastening screw
.906
(.094)
.142
1.476
.614
.571
Mounting metal
length rod
.492
.150 dia.
stainless steel roller
1.638
±.039
1.295
±.039
1.413
±.039
1.756
±.039
(1.835)
.059
(.984~2.165)
M12(P=1.25)
8
(32.5)
25
7.5
28
±0.2
mounting holes
2-.177
±.008 dia.
23.7
(.327)
16
(Between side
head section M8
.984
.295
.315
(8.3)
.933
.630
2-4.5
±0.2 dia.
14
±0.2
.551
±.008
4.8
.189
1.102
±.008
distance 13)
metal fastening
with hexagonal
holes
M6 mounting
screw
(1.280)
Presettable at any angle
in the 360
° range
AZ4608
Weight:
97g
General tolerance: ±0.4 ±.016
2. Exposed terminal type
Push plunger
mounting holes
2-4.5
±0.2 dia.
1 max. (P.T.) 15.4
8.7
23.7
14
±0.2
3.6
37.2
(O.P.)
28
±0.2
23.7
8 dia.
3-quick connecting
15.6
1.6
12.6
terminal (#110)
stainless steel
.063
.496
.315
plunger
14 dia.
.551 dia.
.614
2-.177
±.008 dia.
.551
±.008
.933
.142
1.465
.343
1.102
±.008
17.2
±0.2
.677
±.008
.039
.933
.606
4.9
.193
AZ4001
3. Socket with cord type
Push plunger
E
(VCTF) 0.75 3-wire
Vinyl cabtire cord
White N.O.
Red
Black
8
Approx. 1000
23
14
8
±2
20
M3 mounting screw
17.0
14.8
15.6
mounting holes
2-4.5
±0.2 dia.
1 max. (P.T.) 15.4
3.6
37.2
(O.P.)
28
±0.2
8 dia.
1.6
12.6
stainless steel
.063
.496
.315
plunger
14 dia.
.551 dia.
2-.177
±.008 dia.
.142
1.465
1.102
±.008
17.2
±0.2
.677
±.008
.039
.606
4.9
.193
COM
N.C.
.614
.583
.669
.787
.315
±.079
39.370
23.7
.933
.551
.315
.906
AZ4701
General
tolerance:
±0.4 ±.016
Note) The following types are also available. Roller plunger: AZ4002
Cross roller plunger: AZ4003 Roller arm: AZ4004
Adjustable rod: AZ4007 Adjustable roller arm: AZ4008
(Set with AZ4001 exposed terminal
type and AZ3806 L socket.)
(Set with AZ4002 exposed terminal
type and AZ3806 L socket.)
(Set with AZ4003 exposed terminal
type and AZ3806 L socket.)
(Set with AZ4004 exposed terminal
type and AZ3806 L socket.)
(Set with AZ4007
exposed terminal type and AZ3806 L socket.)
(Set with AZ4008
exposed terminal type and AZ3806 L socket.)
(Set with AZ4001
exposed terminal
type and AZ3807
socket with cord.)
Note) The following types are also available. Roller plunger: AZ4702
Cross roller plunger: AZ4703 Roller arm: AZ4704
Adjustable rod: AZ4707 Adjustable roller arm: AZ4708
Adjustable rod
QL (AZ4)
mm inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com