Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor QL Datasheet HTML 15Page - Panasonic Semiconductor QL Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
6
• EN60947-5-1
EN standard same as IEC947-5-1
• Utilization categories
The following examples express the
classification of switches by category
of use.
• Rated impulse withstand voltage
(Uimp)
The peak impulse current value
which enables the switch to resist
without insulation breakdown.
• Rated enclosed thermal current
(Ithe)
The current value that enables cur-
rent to flow without exceeding the
specified maximum temperature in
the recharging contact switch. If the
pins are made of brass, the maxi-
mum temperature limit is 65°C 149°F.
• Conditional short circuit current
The current the switch can resist
until the short circuit protection
device is activated.
• Short circuit protection device
A device that protects the switch
from short circuits through a circuit
break (breakers, fuses, etc.)
• Switching overvoltage
The surge momentarily generated
when a circuit is closed. Must be
lower than the Uimp value.
• Pollution degree
Expresses in levels the environment
in which the switch is used. The four
levels are shown below.
Limit switches come under contami-
nation level 3.
Glossary relating to the EN60947-5-1
• Rated operational voltage (Ue)
The maximum rated voltage for
switch operation. This must never
exceed the maximum ratings insula-
tion voltage (Ui).
• Rated operational current (Ie)
The maximum rated current for
switch operation.
• Rated insulation voltage (Ui)
The maximum rated current value
which guards the switch’s insulation
functions, forming the parameters for
the resistance values and the mount-
ing distance.
Current
type
Category
Contents
AC
AC-15
Controls electromagnetic
loads in excess of 72VA
(Volt Amperes.)
DC
DC-12
Controls resistance
loads and semiconductor
loads.
Pollution
degree
Contents
1
No contamination or, even if conta-
mination is present, only non-con-
ducting contamination is generated.
2
Normally, only non-conducting cont-
amination is generated, but there
remains the possibility of temporary
conducting contamination when the
circuit is formed.
3
Conducting contamination is gener-
ated, or else dry non-conducting
contamination is generated by cir-
cuits which can be anticipated.
4
Permanent conducting contamina-
tion is generated by dust, rain,
snow, and other conductors.
TECHNICAL INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com