Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor QL Datasheet HTML 15Page - Panasonic Semiconductor QL Datasheet HTML 16Page - Panasonic Semiconductor QL Datasheet HTML 17Page - Panasonic Semiconductor QL Datasheet HTML 18Page - Panasonic Semiconductor QL Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
9
1. The ON/OFF circuit for the guidance
load may suffer contact damage due to
surges or inrushes when the power is
turned either ON or OFF.
Consequently, insertion of a protective
circuit as per the following diagram is
recommended, in order to protect the
contacts.
2. Do not connect either irregular poles
or power sources to a switch contact.
Power connection examples (irregular
pole connection)
3. Avoid circuits where power may find
a way between the contact points (as
this may cause welding.)
PROTECTION CIRCUIT
Circuit
Cautions for use
(1) r must be a minimum
of 10
Ω;
(2) When using AC power:
Q Impossible when R
impedance is large.
W Possible when c, r
impedance is suffi-
ciently small com-
pared with R imped-
ance.
Can be used with both
AC and DC as appro-
priate.
r ~ R
C: 0.1
µF
Limit switch contact
Limit switch contact
(1) Dedicated DC use.
(2) AC is impossible
Limit switch contact
Can be used with both
AC and DC as appro-
priate.
Limit switch contact
c
r
R
c
r
R
Diode
R
Varistor
ZNR
R
Example of unsuitable power connec-
tion (abnormal power connection)
NO GOOD
Load
L
Load
Load connected to same pole
GOOD
Load
L
Load
Load
L
AC
DC
Risk of AC and DC being mixed.
NO GOOD
Load
L
4. Using electronic switch circuits (low
power, low current)
1) Bouncing and chattering are gener-
ated due to collision between the con-
tacts when the limit switch is switching
between them, and this sometimes
causes such problems as white noises
and error pulses in both the electronic
circuit and the reverberation equip-
ment.
2) If the generation of bouncing and
chattering becomes a problem, it is
necessary to consider installing a CR
circuit or other absorption circuit given
the circuit design.
3) This is particularly necessary when
high contact reliability is needed, and
is unsuitable for silver contact switch-
es. Switches with gold contacts pos-
sess excellent performance.
L
100V
200V
NO GOOD
CAUTIONS FOR USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com