Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 4Page - Panasonic Semiconductor QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2
One-way roller lever
Roller lever
Hinge lever
Short
Long
AZH20
22
Classification
Subminiature size
Compact size
Product name
SL (AZ3) Micro
Limit Switches
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Die cast case)
HL (AZH)
Limit Switches
(Plastic case)
ML (AZ7)
Limit Switches
(standard)
ML (AZ7)
Limit Switches
(Epoxy-Sealed terminal type)
Feature
Dust-proof type IP60
IP64
IP65
IP67
–
Abrasion-proof type
Surge-proof type
Corrosion-proof type
Oil-resistant type
Neon
LED
Mechanical
Life
(Min.ope.)
Operating force
(max.)
(hinge lever type)
Available
actuators
Terminals
Wiring
Mounting pitch
(Applicable screw)
Available standards
Page
Electrical
Ratings
(load resistance)
• A limit switch with
high-density mounting
that improves stroke
capacity through an
O.T. absorption-type
spring.
• LED lamp type also
available.
Rubber-cover type Socket with cord type
–
–––
–––
–
–––––
–
(with LED lamps)
[Bifurcated type]
–––
10A250V AC
10A125V AC
0.4A115V DC
10A250V AC
10A125V AC
0.4A115V DC
–
––
––
–
––
–
4A250V AC
4A125V AC
4A30V DC
0.1A 125V DC
107
107
107
107
107
107
105
0. 98N {100gf}
1. 96N {200gf}
(short lever type)
2. 94N {300gf}
• Rubber cover (Solder
and quick connect
(#110) terminal)
• Socket with cord
Cabtire code
Cross-angled wiring
28
14mm
1.102
.551inch
(M4 screw)
UL, CSA
P.13
P.18
P.18
P.18
P.33
P.33
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, CSA, TÜV, CE
UL, C-UL, TÜV, CE
–
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
33mm 1.299inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
25.4mm 1.000inch
(M4 screw)
Cabtire code
Cabtire code
Cabtire code
Cabtire cable
Cabtire cable
Screw terminal
Connector terminal
Screw terminal
Screw terminal
Vinyl cabtire cable
(1m 3.281ft)
2.45N {250gf}
3. 92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3.92N {400gf}
11.8N {1,200gf}
(Plunger type)
2.45N {250gf}
3. 92N {400gf}
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
1.47N {150gf}, 1.77N {180gf},
1.96N {200gf}, 2.16N {220gf},
2.35N {240gf}, 2.75N {280gf},
5.88N {600gf} max.
5x105
5x105
5x105
2x105
2x105
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Standard type]
5A125V AC
5A250V AC
5A8V DC
5A14V DC
5A30V DC
0.5A125V DC
0.25A250V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
[Bifurcated type]
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
without LEDlamps
0.1A125V AC
0.1A8V DC
0.1A14V DC
0.1A30V DC
with LEDlamps
0.1A24V AC
• High sealability that
satisfies IEC IP67.
• Wiring is screw-ter-
minal type.
• Bifurcated type also
available.
• High sealability that
satisfies IEC IP67.
• Less wiring, less
installation connec-
tor type.
• LED lamp type also
available.
• Bifurcated type
available.
• Perfect for applica-
tions that prioritize
economy.
• Switches installed
with both economical
and compact Z-basic
microswitches and
limit switch protective
construction.
• Coil spring system
provides long life.
• An ML compact limit
switch with an
epoxy-sealed case
that completely
encloses the
terminal.
Appearance
Head code
AZ3
AZH23
AZH10
12
AZ7
AZ7
SELECTOR CHART
Note: Excludes limit switch replacement parts
Actuators
Push plunger
Roller plunger
Cross-roller plunger
Roller arm
Adjustable roller arm
Adjustable rod
Fork
Spring wire
Flexible rod
Roller lever
Short
Long
Short
Long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com