Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor QL Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3
IP60
IP64
IP65
IP67
–
Neon
LED
Mechanical
Electrical
Classification
Product name
Feature
Life
(Min.ope.)
Operating force
(max.)
(hinge lever type)
Available
actuators
Terminals
Wiring
Mounting pitch
(Applicable screw)
Available standards
Ratings
(load resistance)
Appearance
Head code
Dust-proof type
Abrasion-proof type
Surge-proof type
Corrosion-proof type
Oil-resistant type
Page
Subminiature size
vertical type
Compact size vertical type
Vertical type
Touch type
QL (AZ4) Micro
Limit Switches
DL (AZD1) Mini
Limit Switches
VL (AZ8) Mini
Limit Switches
AZ5
Limit Switches
VL-T Mini Touch
Limit Switches
–––
–
–
–
––
–
––
–
–
Input voltage
12-24V DC
Output current
150mA
6A250V AC
6A380V AC
5A24V DC
107
107
107
107
107
P.38
P.44
P.52
P.61
P.68
UL, CSA
UL, C-UL, TÜV, CE UL, C-UL, TÜV, CE
UL
–
14
28mm
.551
1.102inch
(M4 screws)
22
(47mm)
.866
1.850inch
(M4 screws)
21
56mm
.827
2.205inch
(M4 screws)
30.2
58.7mm
1.189
2.311inch
(M5 screws)
Cabtire code
Cabtire code
Cabtire cord
Cap tire cable
Cabtire cable
(wiring type)
Cabtire cord
Cabtire cable
21
56mm
827
2.205inch
(M4 screws)
• L socket (Solderand
quick connect
(#110) terminal)
• Socket with code
Screw terminal
(Conduit connec-
tors: PF: 1/2, PG:
13.5 types)
Screw terminal
Screw terminal
Screw terminal
6.86N {700gf}
(Plunger type)
1.11N {113gf}, 4.41N {450gf}
(Arm type)
6.37N {650gf}
4.90N {500gf}
3.29N {400gf}
0.88N {90gf},
5.88N {600gf},
8. 83N {900gf},
19.16N {2,000gf}
1.39N {142gf}
26.67N {2,720gf}
–
3x105
1.5x105
3x105
5x105
–
5A250V AC
[Standard type]
5A250V AC
5A125V AC
0.4A125V DC
[With lamp type]
[Neon lamp type]
5A 240V AC
5A 125V AC
[LED lamp type]
3A 24V DC
[Standard type]
10A125V AC
6A250V AC
2A500V AC
0.8A125V DC
[With lamp type]
[Neon lamp type]
10A 125V AC
6A 240V AC
[LED lamp type]
6A 24V DC
L socket type
Socket with cord type
–
–
–
––
–
• A subminiature, highly accu-
rate limit switch with built-in
environment-proof functions.
• Cord extraction can be
changed in four directions,
due to the dedicated L socket.
• LED lamp can also be
attached.
• Excellent safety even if the
contact point is welded,
due to the forced contact
opening mechanism.
• Block mount system makes
parts replacement easy.
• Conforms to DIN stan-
dards.
• In addition to the
characteristics of
stand mounted limit
switches, is com-
pact, easily instal-
lable, highly reli-
able, lightweight,
and economical.
• Built-in dedicated
circuit breaker
(1 Form A
1 Form B).
• Different types of
actuator avail-
able.
• Operate just by
touching lightly.
• Comes with sen-
sitivity adjustment
function and indi-
cates operations.
• VL type touch
limit switch
AZ4
AZD1
AZ8
AZ5
AZ84
Door switch
Compact
Magnelimit
Magnelimit
––
––
––
1)
–
––
––
––
2)
5A (2A) 125V AC
5A (2A) 250V AC
5A (2A) 30VDC
5A 125V AC
5A 250V AC
5A 30VDC
105
105
P.72
P.74
UL, C-UL
UL, C-UL, CE
Cabtire cord
Cabtire cord
30mm 1.181inch
(M3)
52mm 2.047inch
(M4)
Tab #110 terminal
Lead wire
Screw terminal
–
3.43N {350gf}
5x104
5x104
• Secured by magnet
• Built-in switch detection
Dual-role switch in
one unit.
• Safe design prevents
operator making
errors.
• Secured by magnet
• Built-in switch detection
Dual-role switch in
one unit.
• Construction possi-
ble with 100V AC
power.
AZC3
AZC1
Free attachment
Other listed products
Product name
PS Hall Sensors
Appearance
AN9
Detector distance 2.5mm .098inch
Feature
Page
• Magnetic detector type subminiature sensor
• Perfect for slide table limiting
• Economical price with operating display lamp attached.
P.76
Notes: 1) Excludes exposed part of terminals, externally mounted components, and magnet catches.
2) Figures in parentheses ( ) indicate rated current of water-resistant type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com