Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor QL Datasheet HTML 15Page - Panasonic Semiconductor QL Datasheet HTML 16Page - Panasonic Semiconductor QL Datasheet HTML 17Page - Panasonic Semiconductor QL Datasheet HTML 18Page - Panasonic Semiconductor QL Datasheet HTML 19Page - Panasonic Semiconductor QL Datasheet HTML 20Page - Panasonic Semiconductor QL Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
11
Explanation
Improved design
Poor design
r
IMPROVEMENT EXAMPLES
@
Problem • Dog adjustment is difficult.
Solution • Separate each one until the dog
can be adjusted.
@
Problem • The dog axis is too long, and slips
out during operation.
• For this reason, the limit switch
operating position slips.
Solution • Firmly fix the dog plate to the base.
r
@
Problem • The detector sinks, applying force
to the limit switch.
• The limit switch O.T. cannot be set.
Solution • Relieve the pressure using an
additional actuator, and the O.T.
can also be set.
r
@
Problem • The area around the actuator coil
is easily damaged.
• Friction generated during opera-
tion.
Solution • Relieve the friction by installing an
additional actuator.
• Change the type of limit switch.
r
@
Problem • Workers keep bumping the actua-
tor.
Solution • Fit a protective cover to the side of
the limit switch.
r
@
Problem
• Because the cord vent for the limit
switch faces upwards, water droplets
and so forth can easily penetrate the
interior.
• The cord is constantly moving and
thus easily damaged.
Solution
• Fix the limit switch position on the
stationary board.
• Fit a protective cover, so that water
and oil cannot come into direct con-
tact with the limit switch.
r
@
Problem • The cord is not fixed, and gets
pulled during work.
• Dog adjustment is ineffective.
Solution • Change the limit switch position,
and fix the cord.
• Attach an adjustment mechanism
to the dog.
r
@
Problem • The limit switch is near a high-tem-
perature area.
• Dog adjustment is ineffective, and
the dog keeps bumping the lever.
Solution • Move the limit switch further away.
• Make dog adjustment possible,
and change the shape of the unit.
r
Dog axle
Conveyer
Printer
Detector
Conveyer
Detector
Rotation axle
Rotation axle
Limit
Protective cover
High temperature
High temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com