Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 5 Page - Panasonic Semiconductor

  QL Datasheet HTML 1Page - Panasonic Semiconductor QL Datasheet HTML 2Page - Panasonic Semiconductor QL Datasheet HTML 3Page - Panasonic Semiconductor QL Datasheet HTML 4Page - Panasonic Semiconductor QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
41
SOCKETS
L socket
Socket with cord
Socket with LED
14.8 dia.
M12
1.25
Rubber
13
3
5
1
2
14.8
10
14.8
15.6
22.5
(32.5)
(2.4)
t=0.5
±0.2
Head section
M8
packing
(1.280)
(.094)
.583
.394
.583
.197
.512
.614
.886
.583 dia.
Terminal case
Terminal body
Rubber packing
Socket fastening screw
Waterproof ring
Hexagonal nut
Terminal receptacle
9.5
5
1
3
7.5
23
2
8.7
(2.4)
Cord
Rubber packing
14.8
2
16.5
Approx.
20
±3
8
±2
(.094)
.197
.374
.906
.583
.343
.295
.650
.079
.787
±.118
.315
±.079
(t=0.5
±0.2)
1000
39.370
Waterproof ring
Socket fastening screw
Cord
(PVC)
Socket body
Rubber packing
1.5 max.
1
32
3.8
LED (Red)
Cord
3.8
9.5
5
7.5
23
8.7
(2.4)
Rubber packing
14.8
2
16.5
Approx.
20
±3
8
±2
(.094)
.197
.374
.906
.583
.343
.295
.650
.079
.787
±.118
.315
±.079
(t=0.5
±0.2)
1000
39.370
.150
.150
.059
AZ3806
AZ3807 (cord length: 1m)
weight: 85g
AZ380716 (cord length: 1m)
Terminal number
Terminal
1
COM
2
N.C.
3
N.O.
Terminal number
Cord color
Terminal
1
B (Black)
COM
2
R (Red)
N.C.
3
W (White)
N.O.
Terminal number
Cord color
Terminal
1
B (Black)
COM
2
R (Red)
N.C.
3
W (White)
N.O.
General tolerance: ±0.4 ±.016
General tolerance: ±0.4 ±.016
General tolerance: ±0.4 ±.016
LAMP LIGHTING CIRCUIT
1. Load at N.O. side
Use normally open (N.O.) connection ter-
minal. LED will be turned on when switch
is in free position, when switch is on,
LED will be turned off.
2. Load at N.C. side
Use normally closed (N.C.) connection
terminal. LED will be turned off when is
in free position, when switch is on, LED
will be turned on.
–
3
N.O.
Load
+
DC power source
2 N.C.
COM
1
LED
+
DC power source
LED
–
Load
2 N.C.
3
N.O.
1
COM
Notes)
1. Keep possible leakage current (see the CAUTIONS)
in mind in order to prevent the load from malfunc-
tioning.
2. Types with the 24 to 48V DC lamp rating are recom-
mended for sequencer input use.
3. Connect the red and black leads to the positive B
and negative v terminals, respectively, for the N.C.
type, and the white and black leads to the positive
B and negative v terminals, respectively, for the
N.O. type.
LED lamp
Socket body
Rubber
packing
Cord
(PVC)
Waterproof ring
Socket fastening screw
QL (AZ4)
mm inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com