Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor QL Datasheet HTML 15Page - Panasonic Semiconductor QL Datasheet HTML 16Page - Panasonic Semiconductor QL Datasheet HTML 17Page - Panasonic Semiconductor QL Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
8
α
Vmax (m/s)
CAUTIONS FOR USE
Pay attention to the following points
when designing the dog for limit switch
operation.
1. Make the dog faceplate as smooth
as possible.
2. Adjust both the dog angle and the
set arm angle as below, depending on
the operating speed.
3. The depth (h) of the dog effects the
lifespan of the limit switch. Therefore,
set the depth to a maximum of 80% of
the Total Travel (T.T.)
4. The relationship between the speed
of the dog (V = m/s) and the tip angle
(
α) is as follows:
1) V&0.2m/s
3) 0.5m/s ! V&2m/s
Because the arm jiggle is as a mini-
mum at a comparative speed such as
V&0.5m/s, setting both the dog angle
so that it travels perpendicularly and
the arm angle to 45° is optimum.
If overriding the dog, set the arm per-
pendicularly, so that
α =45°. If the dog
angle is reduced, the tolerable speed
is increased.
5) Roller plunger type
DESIGN OF OPERATING DOG AND OPERATING SPEED
When V&0.2m/s, set the arm to per-
pendicular and set the arm rise angle
to between 45° and 90°. If the dog rise
angle is reduced, the maximum tolera-
ble speed is increased.
As a rule,
α = 45° is optimum.
2) V&0.5m/s
The maximum tolerable speed can be
extended by further reducing the dog
rise angle from 45° when 0.5m/s !
V&2m/s. It is necessary to set the arm
so that the dog’s cutting surfaces are
always parallel (
θ o = 90°– α)
4) Overriding the dog (V&0.2m/s)
h
V
α = 45° to 90°
F
o
h
α
V
θ
F
h
V
α = 45°
o = 45
°
θ
h
α
α
h
α
α
45°
0.2
60°
0.1
60 to 90°
0.05
α
Vmax (m/s)
Even if overriding the dog, set the for-
wards and rearwards motion exactly
the same, and avoid any settings that
make the actuator accelerate rapidly
from the dog.
5. Operation speed
1) When the operation (acting and
reverting) speed is exceedingly slow,
switching of the contacts will become
unstable and this could cause prob-
lems such as failure to make contact
and welding. As a guide, the speed
should be at least 1mm/s.
2) When the operation (acting and
reverting) speed is exceedingly fast,
be careful because the violent motion
could cause breakage and with
increased frequency, contact switching
will not be able to keep up. As a guide,
the switching frequency should be
within 20 times per minute.
20°
0.5
30°
0.25
h
(0.5 to 0.7) T.T.
(0.6 to 0.8) T.T.
α
Vmax (m/s)
45°
0.2
60°
0.1
60 to 90°
0.05
α
Vmax (m/s)
40°
0.7
35°
0.9
30°
1.3
25°
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com