Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor QL Datasheet HTML 12Page - Panasonic Semiconductor QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
4
Type
Classification
Push plunger type
Small
Medium
Large
Excellent
Excellent
High-level accuracy gives firm detection for position
fixing, etc., by using perpendicular movement.
Roller plunger type
(includes cross
roller plunger)
Small
Medium
Large
Excellent
Excellent
Operating range can be widened by mounting
accessory actuators like cams, dogs, cylinders, etc.
High-level detection for position fixing.
Roller arm type
Small to
large
Large
Medium
Good to
excellent
Excellent
The stroke in the direction of revolution is large at
between 45° and 90° and the lever angle can be set
at will to within 360° for easy use. Wide angle type
(large O.T.) available. Can be used for wide-range
position fixing.
Adjustable roller
arm type
Small to
large
Large
Medium
Good to
excellent
Good
Lever length can be altered to allow rough operation
detection using the roller lever characteristics.
Adjustable rod type
Large
Large
Medium
Good
Good
Wide range of operations, and convenient for
uneven mountings. Lightest operation among the
revolving operation type of limit switches. Rod length
is adjustable, and bending is also easy.
Fork
Large
Medium
Medium
Good
Excellent
If operated up to 55° position, revolves automatically
to retain 90° position. Two dog operation enables
recovery operation through single dog, or for any-
thing that has caused the roller position to slip.
Spring wire and
flexible rod
Medium
Large
Small
Possible
Possible
Excluding the thread direction, direction can be
adjusted up to 360°. Operating power is the lowest
of the limit switches, and is effective in detecting
when direction and conditions are uneven. In order
to absorb the movements after operation in the actu-
ator part, work slippage tolerances are also large.
Hinge lever type
Large
Medium
Small
Possible
Possible
Using a low speed, low torque cam, the lever can
assume various shapes suited to the operation. The
lever is very sturdy.
Roller lever type
Large
Medium
Small
Possible
Possible
Suited to high speed cams through the attachment
of a hinge roller lever.
One way roller lever
type
Medium
Medium
Medium
Possible
Possible
Operation is possible with both hinge lever type and
one way operation, but the roller will break if operat-
ed in the opposite direction, rendering the unit inop-
erable. Can be used to prevent opposite direction
movement.
Roller lever type
Medium
Medium
Medium
Possible
Possible
The roller position can be changed.
Pretravel
(P.T.)
Overtravel
(O.T.)
Operating
force (O.F.)
Accuracy
Vibration
shock
Characteristics
ACTUATOR SELECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com