Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  EVA6950RM21 Datasheet HTML 1Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 2Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 3Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 4Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 5Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 6Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 7Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 8Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not
implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely
affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
V
(
y
l
p
p
u
S
r
e
w
o
P
C
D
C
C
,
G
2V C
C
)
G
5-
5
.
4
+V
A
P
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
N
O
A
P
,
G
2
N
O
)
G
5-
5
.
4
+V
d
e
il
p
p
a
l
a
n
g
i
s
F
R
o
N
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
C
D-
0
0
7A
my
l
e
t
a
r
a
p
e
s
d
e
r
e
w
o
p
A
P
r
e
h
t
i
E
F
R
(
l
e
v
e
L
t
u
p
n
I
F
R
N
I
F
R
,
G
2
N
I
)
G
5-
5
-m
B
d
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O0
4
-5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
e
c
n
a
r
e
l
o
T
D
S
E0
0
0
1-
V
e
s
r
e
v
e
r
d
n
a
d
r
a
w
r
o
f
,
s
n
i
p
ll
A
l
e
d
o
M
y
d
o
B
n
a
m
u
H
.
e
g
a
t
l
o
v
)
M
B
H
(
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
0
0
4
2
0
0
9
4
-
-
0
0
5
2
0
0
9
5
z
H
M
g
/
b
1
1
.
2
0
8
a
1
1
.
2
0
8
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
C
D
C
C
V
,
G
2
C
C
)
G
50
.
3
+3
.
3
+6
.
3
+V
d
e
il
p
p
a
F
R
h
t
i
w
A
P
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
N
O
A
P
,
G
2
N
O
)
G
5
0
.
2
+
0
3
.
3
+
-
6
.
3
+
8
.
0
+
V
"
N
O
"
A
P
"
N
W
O
D
T
U
H
S
"
A
P
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
4
--
5
8
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com