Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 5Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 6Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 7Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 8Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 10Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
9
Figure 2: Gain and ICC vs. Output Power Across
Frequency (VCC = +3.3 V, TC = +25oC)
802.11g 54 Mbps OFDM
Figure 5: EVM vs. Output Power Across
Frequency (VCC = +3.3 V, TC = 25oC)
802.11g 54 Mbps OFDM
Figure 3: Gain and ICC vs. Output Power Across
Temp (Frequency = 2.45 GHz, VCC = +3.3 V)
802.11g 54 Mbps OFDM
Figure 6: EVM vs. Output Power Across Temp
(Frequency = 2.45 GHz, VCC = +3.3 V)
802.11g 54 Mbps OFDM
802.11g PERFORMANCE DATA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 2.40 GHz
Gain 2.45 GHz
Gain 2.50 GHz
Current 2.40 GHz
Current 2.45 GHz
Current 2.50 GHz
Gain
Current
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 0C
Gain +25C
Gain +50C
Gain +85C
Current 0C
Current +25C
Current +50C
Current +85C
Current
Gain
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 3.0V
Gain 3.3V
Gain 3.6V
Icc 3.0V
Icc 3.3V
Icc 3.6V
Gain
Current
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 0C
EVM +25C
EVM +50C
EVM +85C
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 3.0V
EVM 3.3V
EVM 3.6V
Figure 4: Gain and ICC vs. Output Power Across
Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC)
802.11g 54 Mbps OFDM
Figure 7: EVM vs. Output Power Across Power
Supply Voltage (Freq = 2.45 GHz, TC = 25oC)
802.11g 54 Mbps OFDM
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 2.40 GHz
EVM 2.45 GHz
EVM 2.50 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com