Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 6Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 7Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 8Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 10Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Data Sheet - Rev 2.2
04/2006
AWL6950
802.11g PERFORMANCE DATA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
1
2
3
4
5
6
7
8
9
1011121314
151617181920
212223
Output Power (dBm)
Det. Volt. 2.40GHz
Det. Volt. 2.45GHz
Det. Volt. 2.50GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. 0C
Det. Volt. 25C
Det. Volt. 50C
Det. Volt. 85C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. 3.0V
Det. Volt. 3.3V
Det. Volt. 3.6V
Figure 8: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3 V)
802.11g 54 Mbps OFDM
Figure 10: Detector Voltage vs. Output Power
Across Power Supply Voltage (Freq = 2.45 GHz,
TC = 25oC) 802.11g 54 Mbps OFDM
Figure 9: Detector Voltage vs. Output Power Across
Temperature (Freq = 2.45 GHz, VCC = +3.3 V)
802.11g 54 Mbps OFDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com