Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 15 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 15 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 15Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 16Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 17Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 18Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 19Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
15
Figure 29: 2.4 GHz Return Losses Across
Frequency (VCC = +3.3 V, TC = 25oC)
S-PARAMETER PERFORMANCE DATA
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
Input Return Loss
Output Return Loss
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
32
36
40
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
S21 Response
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
01
23
45
678
9
10
Frequency (GHz)
Input Return Loss
Output Return Loss
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
32
36
40
012345
6
789
10
Frequency (GHz)
S21 Response
Figure 30: 2.4 GHz S21 Response Across
Frequency (VCC = +3.3 V, TC = 25oC)
Figure 31: 5 GHz Return Losses Across
Frequency (VCC = +3.3 V, TC = 25oC)
Figure 32: 5 GHz S21 Response Across
Frequency (VCC = +3.3 V, TC = 25oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com