Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 16 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 16 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 15Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 16Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 17Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 18Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 19Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 20Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Data Sheet - Rev 2.2
04/2006
AWL6950
APPLICATION INFORMATION
Figure 33: Application Circuit
5 GHz RFOUT
2.4 GHz RFOUT
2.4 GHz RFIN
C1
1.0
µF
C2
1.0
µF
AWL6950
GND
1
RFIN 2G
2
RFIN 5G
3
GND
4
GND
9
RFOUT 5G
10
GND
12
RFOUT 2G
11
5 GHz RFIN
PAON 2G
PAON 5G
DETOUT 5G
DETOUT 2G
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com