Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  EVA6950RM21 Datasheet HTML 1Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 2Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 3Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 4Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 5Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 6Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 7Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 8Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
5
Table 5: Electrical Specifications - 5 GHz Continuous Wave
(TC = +25 °C, VCC 5G = +3.3 V, PAON 5G = +3.3 V)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
B
d
1
P3
25
.
4
2-
m
B
d
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S-
2
33
8
µA
A
P
N
O
V
0
=
G
5
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q2
80
2
10
6
1A
mA
P
N
O
G
5
V
,
V
0
.
2
+
C
C
f
f
o
=
F
R
,
V
3
.
3
+
=
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I-
0
2
-0
1
-B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O-
8
1
-0
1
-B
d
n
o
i
t
c
e
j
e
R
d
n
a
B
f
o
t
u
O
z
H
G
5
.
1
z
H
G
5
.
3
z
H
G
4
z
H
G
5
.
6
z
H
G
9
5
3
5
.
2
1
5
5
0
3
-
-
-
-
-
-
-
-
-
-
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R0
4-
-
B
d
)
s
u
o
i
r
u
p
S
(
y
t
il
i
b
a
t
S-
-
0
6
-c
B
dP
,
R
W
S
V
1
:
6
T
U
O
5
-
;
m
B
d
2
2
+
=
OC
T N
O
e
m
i
T
g
n
i
t
t
e
S
--1
µS
n
i
h
t
i
w
s
e
l
t
t
e
S
±
B
d
5
.
0
T F
F
O
e
m
i
T
g
n
i
t
t
e
S
--1
µS
A
P
N
O
t
u
p
n
I
n
i
P
G
5
e
c
n
a
d
e
p
m
I
-2
.
6-
k
Ω
A
P
o
t
d
e
il
p
p
a
V
3
.
3
+
h
t
i
w
d
e
r
u
s
a
e
M
N
O
G
5
n
i
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com