Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 8Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 10Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 15Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 16Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Data Sheet - Rev 2.2
04/2006
AWL6950
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Det. Volt. 2.40GHz
Det. Volt. 2.45GHz
Det. Volt. 2.50GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0123
456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Det. Volt. 0C
Det. Volt. 25C
Det. Volt. 50C
Det. Volt. 85C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Det. Volt. 3.0V
Det. Volt. 3.3V
Det. Volt. 3.6V
Figure 17: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3 V)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
Figure 19: Detector Voltage vs. Output Power
Across Power Supply Voltage (Freq = 2.45 GHz,
TC = 25oC) 802.11b Gaussian Filtering
(BT = 0.5), 1 Mbps
Figure 18: Detector Voltage vs. Output Power
Across Temp (Freq = 2.45 GHz, VCC = +3.3 V)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com