Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 14 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 14 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 10Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 15Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 16Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 17Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 18Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Data Sheet - Rev 2.2
04/2006
AWL6950
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0123
4
56789
10
11 12
13
14
15
16
17
18
19 20
21
22
23
Output Power (dBm)
Det. Volt. 4.90GHz
Det. Volt. 5.25GHz
Det. Volt. 5.55GHz
Det. Volt. 5.85GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0123
4
56789
10
11 12
13
14
15
16
17
18
19 20
21
22
23
Output Power (dBm)
Det. Volt. 0C
Det. Volt. 25C
Det. Volt. 50C
Det. Volt. 85C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. 3.0V
Det. Volt. 3.3V
Det. Volt. 3.6V
Figure 26: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3 V)
802.11a 54 Mbps OFDM
Figure 28: Detector Voltage vs. Output Power
Across Power Supply Voltage (Freq = 5.25 GHz,
TC = 25oC) 802.11a 54 Mbps OFDM
Figure 27: Detector Voltage vs. Output Power Across
Temperature (Freq = 5.25 GHz, VCC = +3.3 V)
802.11a 54 Mbps OFDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com