Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA6950RM21 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # EVA6950RM21
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6950RM21 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button EVA6950RM21 Datasheet HTML 9Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 10Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 11Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 12Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 13Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 14Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 15Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 16Page - ANADIGICS, Inc EVA6950RM21 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
13
802.11a PERFORMANCE DATA
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
420
Gain 4.90 GHz
Gain 5.25 GHz
Gain 5.55 GHz
Gain 5.85 GHz
Icc 4.90 GHz
Icc 5.25 GHz
Icc 5.55 GHz
Icc 5.85 GHz
Current
Gain
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
420
Gain 0C
Gain +25C
Gain +50C
Gain +85C
Current 0C
Current +25C
Current +50C
Current +85C
Current
Gain
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
Gain 3.0V
Gain 3.3V
Gain 3.6V
Icc 3.0V
Icc 3.3V
Icc 3.6V
Current
Gain
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 4.90 GHz
EVM 5.25 GHz
EVM 5.55 GHz
EVM 5.85 GHz
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 0C
EVM +25C
EVM +50C
EVM +85C
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
EVM 3.0V
EVM 3.3V
EVM 3.6V
Figure 20: Gain and ICC vs. Output Power Across
Frequency (VCC = +3.3 V, TC = +25oC)
802.11a 54 Mbps OFDM
Figure 23: EVM vs. Output Power Across
Frequency (VCC = +3.3 V, TC = 25oC)
802.11a 54 Mbps OFDM
Figure 21: Gain and ICC vs. Output Power Across
Temp (Freq = 5.25 GHz, VCC = +3.3 V)
802.11a 54 Mbps OFDM
Figure 24: EVM vs. Output Power Across Temp
(Freq = 5.25 GHz, VCC = +3.3 V)
802.11a 54 Mbps OFDM
Figure 22: Gain and ICC vs. Output Power Across
Power Supply Voltage (Freq = 5.25 GHz, TC = 25oC)
802.11a 54 Mbps OFDM
Figure 25: EVM vs. Output Power Across Power
Supply Voltage (Freq = 5.25 GHz, TC = 25oC)
802.11a 54 Mbps OFDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com