Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 6Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 9Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 10Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 12Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 13Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
10
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
DisplayPort AUX Channel
The AUX CH of DP is a half-duplex, bidirectional channel. The DP device with DPTX such as a Source device is the master of the AUX
CH (called AUX CH Requester), while the device with DPRX such as a Sink device is the slave (AUX CH Replier). As the master, the
Source device must initiate a Request Transaction, to which the Sink device responds with a Reply Transaction. The system design of a
DFP_D on a USB Type-C connector connected to a UFP_D on a USB Type-C connector using a USB Type-C to USB Type-C Cable. The
2MΩ pull-down resistors on SBU1 and SBU2 are representative of the leakage of ESD and EMI/RFI components including termination
to ensure no floating nodes, and are intended to show compliance with SBU Termination in USB Type-C r1.1. The plug orientation
switch may be replaced by AUX polarity inversion logic in the DisplayPort transmitter or receiver, controlled by the plug orientation
detection mechanism associated with the USB Type-C Receptacle. Note: The 3.3V levels in the Adapters are derived from VCONN
because not all DisplayPort UFP_D devices provide DP_PWR.
1M
1M
10-105k
C_AUX
AUX+
AUX-
Source
Connector
Sink
Connector
Tx
Tx
Rx
Rx
C_AUX
C_AUX
C_AUX
10-105k
50
50
Vbias_Tx
2.5~3.3V
50
50
Vbias_Rx
DP_PWR
Figure 3. DisplayPort AUX Channel Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com