Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 35 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 35 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 31Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 32Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 33Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 34Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 35Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 36Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 37Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 38Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 39Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
35
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
DISPLAY REDRIVER/SIGNAL CONDITIONERS
PI X XXX XXXX X XX E X
Family
DPX = Displayport
HDX = HDMI
VDP = ++DP Level Shifter
Voltage Info: 2 = 1.2V to 1.8V; 3 = 3.3V
PI = Pericom
Blank = Tube;
X = Tape & Reel
Version Number (not always present)
Package Code
Blank = Standard;
E = Pb-free & Green
Device Number
PI2DPX2
020FLAE
*YWXX
*: Die Rev
Y: Year
W: Week
1st X: Assembly Code
2nd X: Fab Code
Note: Date Code per MA-1251
Pericom Product Family
Device/Pkg Type
Device Naming Information
Part Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com